Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3118D2DAPR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA3118D2DAPR
Description  Filter-Free Class-D Stereo Amplifier Family
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2DAPR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPA3118D2DAPR Datasheet HTML 6Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 7Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 8Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 9Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 10Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 11Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 12Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 13Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
Right to Left
Left to Right
Gain = 26dB
PVCC = 24V
TA = 25°C
RL = 8Ω
G021
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
Right to Left
Left to Right
Gain = 26dB
PVCC = 12V
TA = 25°C
RL = 4Ω
G022
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
Output Power (W)
PVCC = 6V
PVCC =12V
PVCC = 24V
Gain = 26dB
TA = 25°C
RL = 8Ω
G017
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
Output Power (W)
PVCC = 6V
PVCC = 12V
PVCC = 24V
Gain = 26dB
TA = 25°C
RL = 4Ω
G018
0
5
10
15
20
25
30
35
40
45
50
4
6
8
10
12
14
16
18
20
22
24
26
Supply Voltage (V)
THD+N = 1%
THD+N = 10%
Gain = 26dB
TA = 25°C
RL = 8Ω
G015
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
4
6
8
10
12
14
16
18
20
22
24
26
Supply Voltage (V)
THD+N = 1%
THD+N = 10%
Gain = 26dB
TA = 25°C
RL = 4Ω
G016
TPA3116D2, TPA3118D2, TPA3130D2
SLOS708E – APRIL 2012 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
fs = 400 kHz, BD Mode (unless otherwise noted)
Figure 13. Maximum Output Power (BTL) vs Supply Voltage
Figure 14. Maximum Output Power (BTL) vs Supply Voltage
Figure 15. Power Efficiency (BTL) vs Output Power
Figure 16. Power Efficiency (BTL) vs Output Power
Figure 17. Crosstalk vs Frequency
Figure 18. Crosstalk vs Frequency
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2


Numéro de pièce similaire - TPA3118D2DAPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3118D2DAPR TI1-TPA3118D2DAPR Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAPR TI-TPA3118D2DAPR Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Description similaire - TPA3118D2DAPR

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com