Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6138A2PW Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6138A2PW
Description  DirectPath Headphone Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6138A2PW Fiches technique(HTML) 5 Page - Texas Instruments

  TPA6138A2PW Datasheet HTML 1Page - Texas Instruments TPA6138A2PW Datasheet HTML 2Page - Texas Instruments TPA6138A2PW Datasheet HTML 3Page - Texas Instruments TPA6138A2PW Datasheet HTML 4Page - Texas Instruments TPA6138A2PW Datasheet HTML 5Page - Texas Instruments TPA6138A2PW Datasheet HTML 6Page - Texas Instruments TPA6138A2PW Datasheet HTML 7Page - Texas Instruments TPA6138A2PW Datasheet HTML 8Page - Texas Instruments TPA6138A2PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPA6138A2
www.ti.com
SLOS704B – JANUARY 2011 – REVISED AUGUST 2015
7.5 Electrical Characteristics
VDD = 3.3 V, RDL = 32 Ω, Rfb = 30 kΩ, RIN = 15 kΩ, TA = 25°C, Charge pump: CP = 1 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Output offset voltage
VDD = 3.3 V
0.5
1
mV
PSRR
Power-supply rejection ratio
80
dB
VOH
High-level output voltage
VDD = 3.3 V
3.1
V
VOL
Low-level output voltage
VDD = 3.3 V
–3.05
V
VUVP_EX
External UVP detect voltage
1.25
V
VUVP_EX_HYSTERESIS
External UVP detect hysteresis current
5
µA
fCP
Charge-pump switching frequency
200
300
400
kHz
|IIH|
High-level input current, Mute
VDD = 3.3 V, VIH = VDD
1
µA
|IIL|
Low-level input current, Mute
VDD = 3.3 V, VIL = 0 V
1
µA
VDD = 3.3 V, no load, Mute = VDD, no load
5
14
25
IDD
Supply current
mA
VDD = 3.3 V, no load, Mute = GND,
14
disabled
7.6 Operating Characteristics
VDD = 3.3 V, RDL = 32 Ω, Rfb = 30 kΩ, RIN = 15 kΩ, TA = 25°C, Charge pump: CP = 1 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power, outputs in phase
THD+N = 1%, VDD = 3.3 V, f = 1 kHz, RL = 32 Ω
40
mW
THD+N
Total harmonic distortion plus noise
VDD = 3.3V, f = 1kHz, RLD = 32Ω, Po = 10mW
0.01%
SNR
Signal-to-noise ratio(1)
A-weighted
90
96
dB
DNR
Dynamic range(2)
A-weighted
90
100
dB
VN
Noise voltage
A-weighted
13
μV
ZO
Output Impedance when muted
Mute = GND
110
m
Ω
Input-to-output attenuation when
Mute = GND
80
dB
muted
Crosstalk—L to R, R to L
Po = 20 mW
–75
dB
ILIMIT
Current limit
PVDD = 3.3 V
50
mA
(1)
SNR is calculated relative to 25-mW output.
(2)
DNR is calculated relative to output at 1% THD+N.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPA6138A2


Numéro de pièce similaire - TPA6138A2PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6138A2PW TI-TPA6138A2PW Datasheet
3Mb / 16P
[Old version datasheet]   evaluation of the features of the TAS5548 PWM digital audio processor.
TPA6138A2PW TI1-TPA6138A2PW Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
588Kb / 18P
[Old version datasheet]   DirectPath??Headphone Driver With Adjustable Gain
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
More results

Description similaire - TPA6138A2PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6138A2 TI1-TPA6138A2_17 Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
TPA4411 TI-TPA4411_07 Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
588Kb / 18P
[Old version datasheet]   DirectPath??Headphone Driver With Adjustable Gain
TPA6138A2 TI-TPA6138A2_15 Datasheet
654Kb / 22P
[Old version datasheet]   TPA6138A2 DirectPath??Headphone Driver With Adjustable Gain
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
TPA6141A2YFFR TI1-TPA6141A2YFFR Datasheet
970Kb / 23P
[Old version datasheet]   CLASS-G DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6141A2 TI-TPA6141A2 Datasheet
448Kb / 18P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com