Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6130A2RTJRG4 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6130A2RTJRG4
Description  Stereo Headphone Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6130A2RTJRG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPA6130A2RTJRG4 Datasheet HTML 4Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 5Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 6Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 7Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 8Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 9Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 10Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 11Page - Texas Instruments TPA6130A2RTJRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
1
10
0.01
0.1
0.001
100m
1m
10m
100m
1
P
- Output Power - W
O
V
= 3 V
DD
V
= 3.6 V
DD
V
= 5 V
DD
V
= 2.5 V
DD
1
10
0.01
0.1
0.001
100m
1m
10m
100m
1
P
- Output Power - W
O
V
= 3.6 V
DD
V
= 3 V
DD
V
= 5 V
DD
V
= 2.5 V
DD
1
10
0.01
0.1
0.001
100m
1m
10m
100m
1
P
- Output Power - W
O
In Phase
Out of Phase
10
1
0.1
0.01
0.001
100m
1m
100m
10m
1
P
- Output Power - W
O
In Phase
Out of Phase
TPA6130A2
SLOS488F – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
7.8 Typical Characteristics
C(PUMP, DECOUPLE, ,BYPASS, CPVSS) = 1 μF, CI = 2.2µF.
All THD + N graphs taken with outputs out of phase (unless otherwise noted).
Table 1. Table of Graphs
FIGURE
Total harmonic distortion + noise
vs Output power
Figure 3–Figure 8
Total harmonic distortion + noise
vs Frequency
Figure 9–Figure 22
Supply voltage rejection ratio
vs Frequency
Figure 23–Figure 25
Common mode rejection ratio
vs Frequency
Figure 26, Figure 27
Output power
vs Load
Figure 28, Figure 29
Output voltage
vs Load
Figure 30, Figure 31
Power Dissipation
vs Output power
Figure 32
Differential Input Impedance
vs Gain
Figure 33
Shutdown time
Figure 46
Startup time
Figure 47
RL = 16 Ω
Gain = 6.1 dB
fIN = 1 kHz
RL = 32 Ω
Gain = 0.1 dB
VDD = 3.6
BTL
fIN = 1 kHz
Stereo
Figure 3. Total Harmonic Distortion + Noise
Figure 4. Total Harmonic Distortion + Noise
vs Output Power
vs Output Power
RL = 16 Ω
Gain = 0.1 dB
fIN = 1 kHz
RL = 32 Ω
Gain = 0.1 dB
fIN = 1 kHz
Stereo
Stereo
Figure 5. Total Harmonic Distortion + Noise
Figure 6. Total Harmonic Distortion + Noise
vs Output Power
vs Output Power
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPA6130A2


Numéro de pièce similaire - TPA6130A2RTJRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6130A2RTJRG4 TI-TPA6130A2RTJRG4 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJRG4 TI1-TPA6130A2RTJRG4 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

Description similaire - TPA6130A2RTJRG4

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
   1.5V Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com