Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3144D2 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA3144D2
Description  6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3144D2 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPA3144D2 Datasheet HTML 3Page - Texas Instruments TPA3144D2 Datasheet HTML 4Page - Texas Instruments TPA3144D2 Datasheet HTML 5Page - Texas Instruments TPA3144D2 Datasheet HTML 6Page - Texas Instruments TPA3144D2 Datasheet HTML 7Page - Texas Instruments TPA3144D2 Datasheet HTML 8Page - Texas Instruments TPA3144D2 Datasheet HTML 9Page - Texas Instruments TPA3144D2 Datasheet HTML 10Page - Texas Instruments TPA3144D2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
TPA3144D2
www.ti.com
SLOS907B – APRIL 2015 – REVISED JULY 2015
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC CHARACTERISTICS, TA = 25°C, AVCC = PVCC = 12 V, RL = 6 Ω, using the TPA3144D2 EVM which is available at ti.com. (unless otherwise noted)
200 mVPP ripple at 1 kHz,
PSRR
Power supply ripple rejection
-65
dB
Gain = 20 dB, Inputs ac-coupled to GND
PO
Continuous output power
THD+N = 10%, f = 1 kHz
6
W
PO
Continuous output power
THD+N = 10%, f = 1 kHz, PVCC = 13V, RL = 8 Ω
6
W
PO
Continuous output power, PBTL (mono)
THD+N = 10%, f = 1 kHz, PVCC = 13V, RL = 4 Ω
12
W
IO
Maximum output current
f = 1kHz, RL=3Ω
3.1
A
THD+N
Total harmonic distortion + noise
f = 1 kHz, PO = 5 W (half-power)
0.06%
65
µV
20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB, Spread
Vn
Output integrated noise
Spectrum off
–80
dBV
Crosstalk
VO = 1 Vrms, Gain = 20 dB, f = 1 kHz
–75
dB
Maximum output at THD+N < 1%, f = 1 kHz,
SNR
Signal-to-noise ratio
102
dB
Gain = 20 dB, A-weighted, Spread Spectrum off
OTE
Thermal trip point
150
°C
Thermal hysteresis
15
°C
TFB
Thermal foldback trip point
125
°C
7.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
fOSC
Oscillator frequency
250
310
350
kHz
fOSC, SS
Oscillator frequency, Spread Spectrum ON
255
315
355
kHz
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPA3144D2


Numéro de pièce similaire - TPA3144D2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
More results

Description similaire - TPA3144D2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3137D2 TI1-TPA3137D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3137D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3136D2 TI1-TPA3136D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3140D2 TI-TPA3140D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3140D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com