Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3132D2RHBR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA3132D2RHBR
Description  25-W Filter-Free Class-D Stereo Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3132D2RHBR Fiches technique(HTML) 5 Page - Texas Instruments

  TPA3132D2RHBR Datasheet HTML 1Page - Texas Instruments TPA3132D2RHBR Datasheet HTML 2Page - Texas Instruments TPA3132D2RHBR Datasheet HTML 3Page - Texas Instruments TPA3132D2RHBR Datasheet HTML 4Page - Texas Instruments TPA3132D2RHBR Datasheet HTML 5Page - Texas Instruments TPA3132D2RHBR Datasheet HTML 6Page - Texas Instruments TPA3132D2RHBR Datasheet HTML 7Page - Texas Instruments TPA3132D2RHBR Datasheet HTML 8Page - Texas Instruments TPA3132D2RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TPA3131D2, TPA3132D2
www.ti.com
SLOS841B – SEPTEMBER 2013 – REVISED JANUARY 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage, VCC
PVCC, AVCC
–0.3
30
V
INPL, INNL, INPR, INNR
–0.3
6.3
V
Input voltage, VI
PLIMIT, GAIN / SLV, SYNC
–0.3
GVDD+0.3
V
AM0, AM1, AM2, MUTE, SDZ
–0.3
PVCC+0.3
V
Slew rate, maximum
AM0, AM1, AM2, MUTE, SDZ
10
V/ms
Operating free-air temperature, TA
–40
85
°C
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–40
125
°C
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
PVCC, AVCC
4.5
26
V
High-level input
VIH
AM0, AM1, AM2, MUTE, SDZ, SYNC
2
V
voltage
Low-level input
VIL
AM0, AM1, AM2, MUTE, SDZ, SYNC
0.8
V
voltage
Low-level output
VOL
FAULTZ, RPULL-UP = 100 kΩ, PVCC = 26 V
0.8
V
voltage
High-level input
IIH
AM0, AM1, AM2, MUTE, SDZ (VI = 2 V, VCC = 18 V)
50
µA
current
RL(BTL)
Output filter: L = 10 µH, C = 680 nF
3.2
4
Minimum load
Ω
Impedance
RL(PBTL)
Output filter: L = 10 µH, C = 1 µF
1.6
Output-filter
Lo
Minimum output filter inductance under short-circuit condition
1
µH
Inductance
6.4 Thermal Information
TPA313xD2
THERMAL METRIC(1)(2)
VQFN
UNIT
32 PINS
RθJA
Junction-to-ambient thermal resistance
31.3
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
5.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The heat sink drawing used for the thermal model data are shown in the application section, size: 14mm wide, 50mm long, 25mm high.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPA3131D2 TPA3132D2


Numéro de pièce similaire - TPA3132D2RHBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3132D2 TI-TPA3132D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
More results

Description similaire - TPA3132D2RHBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com