Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA2005D1 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA2005D1
Description  MONO Filter-Free Class-D Audio Power Amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2005D1 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPA2005D1 Datasheet HTML 2Page - Texas Instruments TPA2005D1 Datasheet HTML 3Page - Texas Instruments TPA2005D1 Datasheet HTML 4Page - Texas Instruments TPA2005D1 Datasheet HTML 5Page - Texas Instruments TPA2005D1 Datasheet HTML 6Page - Texas Instruments TPA2005D1 Datasheet HTML 7Page - Texas Instruments TPA2005D1 Datasheet HTML 8Page - Texas Instruments TPA2005D1 Datasheet HTML 9Page - Texas Instruments TPA2005D1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
0
50
100
150
200
250
0
0.1
0.2
0.3
0.4
0.5
0.6
RL = 8 W, 33 H
m
VDD = 3.6 V
RL = 32 W, 33 H
m
PO - Output Power - W
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
1.2
PO - Output Power - W
VDD = 2.5 V,
RL = 8 W, 33 H
m
VDD = 3.6 V,
RL = 8 W, 33 H
m
VDD = 5 V,
RL = 8 W, 33 H
m
0
0.5
1
1.5
P - Output Power - W
O
0
10
20
30
40
50
60
70
80
90
V
= 4.2 V,
DD
R = 4
, 33 H
L
W
m
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.2
0.4
0.6
0.8
1
1.2
PO - Output Power - W
Class-AB, V DD = 5 V, RL = 8 W
Class-AB,
VDD = 3.6 V,
RL = 8 W
VDD = 3.6 V,
RL = 8 W
,
33 mH
VDD = 5 V,
RL = 8 W
,
33 mH
V
= 4.2 V
,
R = 4
, 33 H
m
DD
L
W
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
0.6
PO - Output Power - W
VDD = 3.6
R = 32
, 33 H
L
W
m
R = 16
, 33 H
L
W
m
R = 8
, 33 H
L
W
m
Class-AB,
RL = 8 Ω
0
10
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
1.2
V
= 5 V,
DD
R = 8 , 33 H
L
W
m
V
= 2.5 V,
DD
R = 8 , 33 H
L
W
m
Class-AB,
DD = 5 V,
RL = 8 W
V
PO - Output Power - W
TPA2005D1
SLOS369G – JULY 2002 – REVISED OCTOBER 2015
www.ti.com
7.7 Typical Characteristics
Figure 2. Efficiency vs Output Power
Figure 1. Efficiency vs Output Power
Figure 4. Power Dissipation vs Output Power
Figure 3. Efficiency vs Output Power
Figure 6. Supply Current vs Output Power
Figure 5. Supply Current vs Output Power
6
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPA2005D1


Numéro de pièce similaire - TPA2005D1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DGN TI-TPA2005D1DGN Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Description similaire - TPA2005D1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com