Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP275AQDGKRQ1 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP275AQDGKRQ1
Description  Automotive Grade Temperature Sensor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP275AQDGKRQ1 Fiches technique(HTML) 5 Page - Texas Instruments

  TMP275AQDGKRQ1 Datasheet HTML 1Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 2Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 3Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 4Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 5Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 6Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 7Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 8Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
TMP275-Q1
www.ti.com
SBOS760A – NOVEMBER 2015 – REVISED JANUARY 2016
Product Folder Links: TMP275-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Specified for 12-bit resolution.
6.5 Electrical Characteristics
at TA = –40°C to +125°C and V+ = 2.7 V to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
–40
125
°C
Accuracy (temperature error)
–20°C to 100°C, V+ = 3.3 V
±0.125
±0.5
°C
0°C to 100°C, V+ = 3 V to 3.6 V
±0.125
±0.75
–40°C to 125°C, V+ = 3 V to 3.6 V
±0.125
±1
25°C to 100°C, V+ = 3.3 V to 5.5 V
0.2
±1.5
Resolution(1)
Selectable
0.0625
°C
DIGITAL INPUT/OUTPUT
Input capacitance
3
pF
VIH
High-level input logic
0.7 (V+)
6
V
VIL
Low-level input logic
–0.5
0.3 (V+)
V
IIN
Leakage input current
0 V
≤ VIN ≤ 6 V
1
µA
Input voltage hysteresis
SCL and SDA pins
500
mV
VOL
Low-level output logic
SDA
IOL = 3 mA
0
0.15
0.4
V
ALERT
IOL = 4 mA
0
0.15
0.4
Resolution
Selectable
9 to 12
Bits
Conversion time
9 bits
27.5
37.5
ms
10 bits
55
75
11 bits
110
150
12 bits
220
300
Time-out time
25
54
74
ms
POWER SUPPLY
Operating range
2.7
5.5
V
IQ
Quiescent current
Serial bus inactive
50
85
µA
Serial bus active, SCL frequency = 400 kHz
100
Serial bus active, SCL frequency = 3.4 MHz
410
ISD
Shutdown current
Serial bus inactive
0.1
3
µA
Serial bus active, SCL frequency = 400 kHz
60
Serial bus active, SCL frequency = 3.4 MHz
380
TEMPERATURE RANGE
Specified range
–40
125
°C
Operating range
–55
127
°C


Numéro de pièce similaire - TMP275AQDGKRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP275AID TI-TMP275AID Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
TMP275AIDG4 TI-TMP275AIDG4 Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
logo
Burr-Brown (TI)
TMP275AIDGKR BURR-BROWN-TMP275AIDGKR Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
Texas Instruments
TMP275AIDGKR TI-TMP275AIDGKR Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
logo
Burr-Brown (TI)
TMP275AIDGKRG4 BURR-BROWN-TMP275AIDGKRG4 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
More results

Description similaire - TMP275AQDGKRQ1

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
CGA2B2NP01H181J050BA TDK-CGA2B2NP01H181J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA2B2NP01H271J050BA TDK-CGA2B2NP01H271J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1E224K125AA TDK-CGA4J2X8R1E224K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1H104K125AA TDK-CGA4J2X8R1H104K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA5H2NP01H473J115AA TDK-CGA5H2NP01H473J115AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA6N3NP02E333J230AA TDK-CGA6N3NP02E333J230AA Datasheet
238Kb / 1P
   Automotive Grade ( High Temperature Application ) )
CGA6N2NP02A473J230AA TDK-CGA6N2NP02A473J230AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA9N4NP02E154J230KN TDK-CGA9N4NP02E154J230KN Datasheet
239Kb / 1P
   Automotive Grade ( High Temperature Application ) )
CGA2B2NP01H3R3C050BA TDK-CGA2B2NP01H3R3C050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA2B2NP01H030C050BA TDK-CGA2B2NP01H030C050BA Datasheet
130Kb / 1P
   Automotive Grade ( High Temperature Application )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com