Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP102AIDRLTG4 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP102AIDRLTG4
Description  Low-Power Digital Temperature Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102AIDRLTG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TMP102AIDRLTG4 Datasheet HTML 3Page - Texas Instruments TMP102AIDRLTG4 Datasheet HTML 4Page - Texas Instruments TMP102AIDRLTG4 Datasheet HTML 5Page - Texas Instruments TMP102AIDRLTG4 Datasheet HTML 6Page - Texas Instruments TMP102AIDRLTG4 Datasheet HTML 7Page - Texas Instruments TMP102AIDRLTG4 Datasheet HTML 8Page - Texas Instruments TMP102AIDRLTG4 Datasheet HTML 9Page - Texas Instruments TMP102AIDRLTG4 Datasheet HTML 10Page - Texas Instruments TMP102AIDRLTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Diode
Temp.
Sensor
DS
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
andTemp.
Register
Temperature
SCL
1
3
6
4
ALERT
SDA
GND
2
5
V+
ADD0
TMP102
www.ti.com
SBOS397F – AUGUST 2007 – REVISED DECEMBER 2015
7 Detailed Description
7.1 Overview
The TMP102 device is a digital temperature sensor that is optimal for thermal-management and thermal-
protection applications. The TMP102 device is two-wire, SMBus and I2C interface-compatible. The device is
specified over an operating temperature range of –40°C to 125°C. See Functional Block Diagram for a block
diagram of the TMP102 device.
The temperature sensor in the TMP102 device is the chip itself. Thermal paths run through the package leads as
well as the plastic package. The package leads provide the primary thermal path because of the lower thermal
resistance of the metal.
An alternative version of the TMP102 device is available. The TMP112 device has highest accuracy, the same
micro-package, and is pin-to-pin compatible.
Table 1. Advantages of TMP112 versus TMP102
SUPPLY
SUPPLY
SPECIFIED
COMPATIBLE
SUPPLY
LOCAL SENSOR ACCURACY
DEVICE
PACKAGE
VOLTAGE
VOLTAGE
RESOLUTION
CALIBRATION
INTERFACES
CURRENT
(MAX)
(MIN)
(MAX)
DRIFT SLOPE
SOT563
12 bit
0.5°C: (0°C to 65°C)
I
2C
TMP112
10 µA
1.4 V
3.6 V
Yes
1.2 × 1.6 × 0.6
0.0625°C
1°C: (-40°C to 125°C)
SMBus
SOT563
12 bit
2°C: (25°C to 85°C)
I
2C
TMP102
10 µA
1.4 V
3.6 V
No
1.2 × 1.6 × 0.6
0.0625°C
3°C: (-40°C to 125°C)
SMBus
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Digital Temperature Output
The digital output from each temperature measurement is stored in the read-only temperature register. The
temperature register of the TMP102 device is configured as a 12-bit, read-only register (configuration register EM
bit = 0, see the Extended Mode (EM) section), or as a 13-bit, read-only register (configuration register EM bit = 1)
that stores the output of the most recent conversion. Two bytes must be read to obtain data and are listed in
Table 8 and Table 9. Byte 1 is the most significant byte (MSB), followed by byte 2, the least significant byte
(LSB). The first 12 bits (13 bits in extended mode) are used to indicate temperature. The least significant byte
does not have to be read if that information is not needed. The data format for temperature is summarized in
Table 2 and Table 3. One LSB equals 0.0625°C. Negative numbers are represented in binary twos-complement
format. Following power-up or reset, the temperature register reads 0°C until the first conversion is complete. Bit
D0 of byte 2 indicates normal mode (EM bit = 0) or extended mode (EM bit = 1) , and can be used to distinguish
between the two temperature register data formats. The unused bits in the temperature register always read 0.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TMP102


Numéro de pièce similaire - TMP102AIDRLTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP102AIDRLTG4 TI-TMP102AIDRLTG4 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP102AIDRLTG4 TI-TMP102AIDRLTG4 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102AIDRLTG4 TI1-TMP102AIDRLTG4 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
More results

Description similaire - TMP102AIDRLTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP103 TI1-TMP103 Datasheet
992Kb / 30P
[Old version datasheet]   Low-Power, Digital Temperature Sensor
TMP102-Q1 TI1-TMP102-Q1 Datasheet
921Kb / 29P
[Old version datasheet]   Low-Power Digital Temperature Sensor
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
ON Semiconductor
N34TS108 ONSEMI-N34TS108 Datasheet
326Kb / 16P
   Low?륷oltage Digital Temperature Sensor
February, 2020 ??Rev. 1
logo
Texas Instruments
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
[Old version datasheet]   HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com