Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLV320AIC3105 Fiches technique(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLV320AIC3105
Description  Low-Power Stereo Audio Codec
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3105 Fiches technique(HTML) 51 Page - Texas Instruments

Back Button TLV320AIC3105 Datasheet HTML 47Page - Texas Instruments TLV320AIC3105 Datasheet HTML 48Page - Texas Instruments TLV320AIC3105 Datasheet HTML 49Page - Texas Instruments TLV320AIC3105 Datasheet HTML 50Page - Texas Instruments TLV320AIC3105 Datasheet HTML 51Page - Texas Instruments TLV320AIC3105 Datasheet HTML 52Page - Texas Instruments TLV320AIC3105 Datasheet HTML 53Page - Texas Instruments TLV320AIC3105 Datasheet HTML 54Page - Texas Instruments TLV320AIC3105 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 103 page
background image
TLV320AIC3105
www.ti.com
SLAS513C – FEBRUARY 2007 – REVISED DECEMBER 2014
Table 17. Page 0/Register 12: Audio Codec Digital Filter Control Register
BIT
READ/
RESET
DESCRIPTION
WRITE
VALUE
D7–D6
R/W
00
Left-ADC High-Pass Filter Control
00: Left-ADC high-pass filter disabled
01: Left-ADC high-pass filter –3-dB frequency = 0.0045 × ADC fS
10: Left-ADC high-pass filter –3-dB frequency = 0.0125 × ADC fS
11: Left-ADC high-pass filter –3-dB frequency = 0.025 × ADC fS
D5–R4
R/W
00
Right ADC High-Pass Filter Control
00: Right ADC high-pass filter disabled
01: Right ADC high-pass filter –3-dB frequency = 0.0045 × ADC fS
10: Right ADC high-pass filter –3-dB frequency = 0.0125 × ADC fS
11: Right ADC high-pass filter –3-dB frequency = 0.025 × ADC fS
D3
R/W
0
Left-DAC Digital Effects Filter Control
0: Left-DAC digital effects filter disabled (bypassed)
1: Left-DAC digital effects filter enabled
D2
R/W
0
Left-DAC De-Emphasis Filter Control
0: Left-DAC de-emphasis filter disabled (bypassed)
1: Left-DAC de-emphasis filter enabled
D1
R/W
0
Right DAC Digital Effects Filter Control
0: Right DAC digital effects filter disabled (bypassed)
1: Right DAC digital effects filter enabled
D0
R/W
0
Right DAC De-Emphasis Filter Control
0: Right DAC de-emphasis filter disabled (bypassed)
1: Right DAC de-emphasis filter enabled
Table 18. Page 0/Register 13: Reserved
BIT
READ/
RESET
DESCRIPTION
WRITE
VALUE
D7–D0
R/W
0000 0000
Reserved. Write only 0000 0000 to these bits.
Table 19. Page 0/Register 14: Headset/Button Press Detection Register B
BIT
READ/
RESET
DESCRIPTION
WRITE
VALUE
D7
R/W
0
Driver Capacitive Coupling
0: Programs high-power outputs for capless driver configuration
1: Programs high-power outputs for ac-coupled driver configuration
D6
R/W
0
Stereo Output Driver Configuration A
Note: Do not set bits D6 and D3 both high at the same time.
0: A stereo fully differential output configuration is not being used
1: A stereo fully differential output configuration is being used
D5
R
0
Reserved. Write only zero to this bit.
D4
R
0
Headset Detection Flag
0: A headset has not been detected.
1: A headset has been detected.
D3
R/W
0
Stereo Output Driver Configuration B
Note: Do not set bits D6 and D3 both high at the same time.
0: A stereo pseudo differential output configuration is not being used.
1: A stereo pseudo differential output configuration is being used.
D2–D0
R
000
Reserved. Write only zeros to these bits.
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Links: TLV320AIC3105


Numéro de pièce similaire - TLV320AIC3105

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3105 TI-TLV320AIC3105 Datasheet
4Mb / 109P
[Old version datasheet]   TLV320AIC3106 Low-Power Stereo Audio CODEC for Portable Audio/Telephony
logo
Burr-Brown (TI)
TLV320AIC3105IRHBR BURR-BROWN-TLV320AIC3105IRHBR Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105IRHBT BURR-BROWN-TLV320AIC3105IRHBT Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results

Description similaire - TLV320AIC3105

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
   Low Power Stereo Audio CODEC
logo
Texas Instruments
TLV320AIC3104-Q1 TI-TLV320AIC3104-Q1_15 Datasheet
1Mb / 92P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
TLV320AIC3268 TI1-TLV320AIC3268 Datasheet
4Mb / 263P
[Old version datasheet]   Low Power Stereo Audio Codec
PCM3793A TI1-PCM3793A_16 Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
TLV320AIC3104-Q1 TI1-TLV320AIC3104-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
PCM3793 TI1-PCM3793_16 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com