Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLV320AIC3105 Fiches technique(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLV320AIC3105
Description  Low-Power Stereo Audio Codec
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3105 Fiches technique(HTML) 25 Page - Texas Instruments

Back Button TLV320AIC3105 Datasheet HTML 21Page - Texas Instruments TLV320AIC3105 Datasheet HTML 22Page - Texas Instruments TLV320AIC3105 Datasheet HTML 23Page - Texas Instruments TLV320AIC3105 Datasheet HTML 24Page - Texas Instruments TLV320AIC3105 Datasheet HTML 25Page - Texas Instruments TLV320AIC3105 Datasheet HTML 26Page - Texas Instruments TLV320AIC3105 Datasheet HTML 27Page - Texas Instruments TLV320AIC3105 Datasheet HTML 28Page - Texas Instruments TLV320AIC3105 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 103 page
background image
H(z) +
N0 ) N1
z*1
32, 768 * D1
z*1
TLV320AIC3105
www.ti.com
SLAS513C – FEBRUARY 2007 – REVISED DECEMBER 2014
Feature Description (continued)
MCLK (MHz)
P
R
J
D
ACHIEVED fS(ref)
% ERROR
48
4
1
7
5264
44,100
0
fS(ref) = 48 kHz
2.048
1
1
48
0
48,000
0
3.072
1
1
32
0
48,000
0
4.096
1
1
24
0
48,000
0
6.144
1
1
16
0
48,000
0
8.192
1
1
12
0
48,000
0
12
1
1
8
1920
48,000
0
13
1
1
7
5618
47,999.71
–0.0006
16
1
1
6
1440
48,000
0
19.2
1
1
5
1200
48,000
0
19.68
1
1
4
9951
47,999.79
–0.0004
48
4
1
8
1920
48,000
0
10.3.3.2 Stereo Audio ADC
The TLV320AIC3105 includes a stereo audio ADC, which uses a delta-sigma modulator with 128-times
oversampling in single-rate mode, followed by a digital decimation filter. The ADC supports sampling rates from 8
kHz to 48 kHz in single-rate mode, and up to 96 kHz in dual-rate mode. Whenever the ADC or DAC is in
operation, the device requires that an audio master clock be provided and appropriate audio clock generation be
set up within the device.
In order to provide optimal system power dissipation, the stereo ADC can be powered one channel at a time, to
support the case where only mono record capability is required. In addition, both channels can be fully powered
or entirely powered down.
The integrated digital decimation filter removes high-frequency content and down-samples the audio data from
an initial sampling rate of 128 fS to the final output sampling rate of fS. The decimation filter provides a linear
phase output response with a group delay of 17/fS. The –3-dB bandwidth of the decimation filter extends to 0.45
fS and scales with the sample rate (fS). The filter has minimum 75-dB attenuation over the stop band from 0.55 fS
to 64 fS. Independent digital high-pass filters are also included with each ADC channel, with a corner frequency
that can be independently set.
Because of the oversampling nature of the audio ADC and the integrated digital decimation filtering,
requirements for analog antialiasing filtering are very relaxed. The TLV320AIC3105 integrates a second-order
analog antialiasing filter with 20-dB attenuation at 1 MHz. This filter, combined with the digital decimation filter,
provides sufficient antialiasing filtering without requiring additional external components.
The ADC is preceded by a programmable gain amplifier (PGA), which allows analog gain control from 0 dB to
59.5 dB in steps of 0.5 dB. The PGA gain changes are implemented with an internal soft-stepping algorithm that
only changes the actual volume level by one 0.5-dB step every one or two ADC output samples, depending on
the register programming (see page 0, registers 19 and 22). This soft-stepping ensures that volume control
changes occur smoothly with no audible artifacts. On reset, the PGA gain defaults to a mute condition, and on
power down, the PGA soft-steps the volume to mute before shutting down. A read-only flag is set whenever the
gain applied by PGA equals the desired value set by the register. The soft-stepping control can also be disabled
by programming a register bit. When soft stepping is enabled, the audio master clock must be applied to the part
after the ADC power-down register is written to ensure the soft-stepping to mute has completed. When the ADC
power-down flag is no longer set, the audio master clock can be shut down.
10.3.3.2.1
Stereo Audio ADC High-Pass Filter
Often in audio applications it is desirable to remove the dc offset from the converted audio data stream. The
TLV320AIC3105 has a programmable first-order high-pass filter which can be used for this purpose. The digital
filter coefficients are in 16-bit format and therefore use two 8-bit registers for each of the three coefficients, N0,
N1, and D1. The transfer function of the digital high-pass filter is of the form:
(1)
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TLV320AIC3105


Numéro de pièce similaire - TLV320AIC3105

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3105 TI-TLV320AIC3105 Datasheet
4Mb / 109P
[Old version datasheet]   TLV320AIC3106 Low-Power Stereo Audio CODEC for Portable Audio/Telephony
logo
Burr-Brown (TI)
TLV320AIC3105IRHBR BURR-BROWN-TLV320AIC3105IRHBR Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105IRHBT BURR-BROWN-TLV320AIC3105IRHBT Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results

Description similaire - TLV320AIC3105

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
   Low Power Stereo Audio CODEC
logo
Texas Instruments
TLV320AIC3104-Q1 TI-TLV320AIC3104-Q1_15 Datasheet
1Mb / 92P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
TLV320AIC3268 TI1-TLV320AIC3268 Datasheet
4Mb / 263P
[Old version datasheet]   Low Power Stereo Audio Codec
PCM3793A TI1-PCM3793A_16 Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
TLV320AIC3104-Q1 TI1-TLV320AIC3104-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
PCM3793 TI1-PCM3793_16 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com