Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL1431QDREP Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL1431QDREP
Description  Precision-Programmable Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL1431QDREP Fiches technique(HTML) 1 Page - Texas Instruments

  TL1431QDREP Datasheet HTML 1Page - Texas Instruments TL1431QDREP Datasheet HTML 2Page - Texas Instruments TL1431QDREP Datasheet HTML 3Page - Texas Instruments TL1431QDREP Datasheet HTML 4Page - Texas Instruments TL1431QDREP Datasheet HTML 5Page - Texas Instruments TL1431QDREP Datasheet HTML 6Page - Texas Instruments TL1431QDREP Datasheet HTML 7Page - Texas Instruments TL1431QDREP Datasheet HTML 8Page - Texas Instruments TL1431QDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
CATHODE
REF
ANODE
800
2.4 k
4 k
20 pF
1 k
7.2 k
800
800
150
10k
3.28 k
20 pF
1
8
2, 3, 6, 7
REF
ANODE
CATHODE
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TL1431-EP
SLVS529D – APRIL 2004 – REVISED JANUARY 2015
TL1431-EP Precision-Programmable Reference
1 Features
2 Applications
1
0.4% Initial Voltage Tolerance
Shunt Regulators
0.2-
Ω Typical Output Impedance
Temperature-Compensated Comparators
Fast Turnon: 500 ns
PWM Converter Reference
Sink Current Capability: 1 to 100 mA
Photodiode Reference Drivers
Low Reference Current (REF)
Precision Current Limiters
Adjustable Output Voltage: VI(ref) to 36 V
Precision Current Sink
Supports Defense, Aerospace, and Medical
3 Description
Applications
The TL1431-EP device is a precision-programmable
Controlled Baseline
reference with specified thermal stability over the
One Assembly and Test Site
military temperature range. The output voltage can be
One Fabrication Site
set to any value from VI(ref) (approximately 2.5 V) to
36 V with two external resistors (see Figure 21). This
Available in Military (–55°C to 125°C)
device has a typical output impedance of 0.2
Ω.
Temperature Range
Active output circuitry provides a very sharp turnon
Extended Product Life Cycle
characteristic,
making
the
device
an
excellent
Extended Product-Change Notification
replacement for Zener diodes and other types of
references
in
applications
such
as
onboard
Product Traceability
regulation, adjustable power supplies, and switching
power supplies.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TL1431-EP
SOIC (8)
3.91 mm × 4.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
Symbol
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - TL1431QDREP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL1431QDREP TI1-TL1431QDREP Datasheet
595Kb / 20P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Description similaire - TL1431QDREP

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com