Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-309 Datasheet(Fiches technique) 1 Page - KODENSHI KOREA CORP.

Numéro de pièce ST-309
Description  Photo transistors(high-sensitivity Silicon phototransistor)
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KODENSHI [KODENSHI KOREA CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

ST-309 Datasheet(HTML) 1 Page - KODENSHI KOREA CORP.

  ST-309 Datasheet HTML 1Page - KODENSHI KOREA CORP. ST-309 Datenblatt HTML 2Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
ST-309
Photo transistors
KODENSHI
*2. ICELof PTr1
*3. Setup Iuminous intensity by standard devices.
The ST-309 is a doble type high-sensitivity Silicon
phototransistor. This phototransistor is compact size
FEATURES
•Side-viwering plastic package
•Bult-in 2ch phototransistors
APPLICATIONS
•Optical mouses
•Encoders
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
C-E voltage
E-C voltage
Collector current
Collector power dissipation
Operating temp.
Storage Temp.
Soldering temp. *1
VCEO
VECO
IC
PC
Topr.
Tstg.
Tsol.
30
4
30
-
-25~+85
-30~+100
260
V
V
mA
mW
Unit
(Ta=25℃)
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
VCEO=10V
VCE=5V, EV
*2
VCC=10V, IC=5mA,
RL=100Ω
10%
Item
Typ.
8
9
400~1100
800
±60
Collecor dark current
Light current
Light current ratio
Switching speeds
Rise time
Fall time
Spectral sensitivity
Peak wavelength
Half angle
ICEO
ICEL1
ICEL2/ICEL1
tr
tf
λ
λp
Δθ
40
0.8
0.5
115
1.2
μ
A
μ
A
μsec.
μsec.
nm
nm
deg.
Symbol
Conditions
Min.
Max.
Unit.
*1. For MAX.5 seconds at the position of 2 mm from the package


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn