Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-305 Fiches technique(PDF) 1 Page - KODENSHI KOREA CORP.

No de pièce ST-305
Description  Photo transistors(a high-sensitivity NPN silicon phototransistor mounted in a clear sidelooking)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KODENSHI [KODENSHI KOREA CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

ST-305 Fiches technique(HTML) 1 Page - KODENSHI KOREA CORP.

  ST-305 Datasheet HTML 1Page - KODENSHI KOREA CORP. ST-305 Datasheet HTML 2Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
ST-305
Photo transistors
KODENSHI
The ST-305 a high-sensitivity NPN silicon phototransistor
mounted in a clear sidelooking package, is compact, low
profile and easy to mount.
FEATURES
•Low profile package
•Compact
•Low-cost
•Sidelooking plastic package
APPLICATIONS
•Photointerrupters
•Optical switches
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
C-E voltage
E-C voltage
Collector current
Collector power dissipation
Operating temp.
Storage Temp.
Soldering temp. *1
VCEO
VECO
IC
PC
Topr.
Tstg.
Tsol.
30
5
20
75
-25~+85
-40~+85
260
V
V
mA
mW
Unit
(Ta=25℃)
500~1,050
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
VCEO=10V
VCE=5V, 1,000lx
*2
IC=0.5mA, 2,000lx
*2
VCC=10V, IC=5mA,
RL=100Ω
Item
Typ.
1
2.0
0.2
3.2
4.8
880
±30
Collector dark current
Light current
C-E saturation voltage
Switching speeds
Rise time
Fall time
Spectral sensitivity
Peak wavelength
Half anglee
ICEO
IL
VCE(sat)
tr
tf
λ
λp
△θ
100
0.4
nA
mA
V
μsec.
μsec.
nm
nm
deg.
Symbol
Conditions
Min.
Max.
Unit.
*2. Color temp.=2856K standard Tungsten lamp
*1. For MAX.5 seconds at the position of 2 mm from the package


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn