Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-1MLAR2 Datasheet(Fiches technique) 1 Page - KODENSHI KOREA CORP.

Numéro de pièce ST-1MLAR2
Description  Photo transistors(high-sensitivity NPN silicon phototransistors mounted)
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KODENSHI [KODENSHI KOREA CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

ST-1MLAR2 Datasheet(HTML) 1 Page - KODENSHI KOREA CORP.

  ST-1MLAR2 Datasheet HTML 1Page - KODENSHI KOREA CORP. ST-1MLAR2 Datenblatt HTML 2Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
ST-1MLAR2・ST-1MLBR2
Photo transistors
KODENSHI
The ST-1MLAR2 and 1MLBR2 are high-sensitivity
NPN silicon phototransistors mounted in a TO-18
Type header with black epoxy encapsulation. With
daylight filter the phototransistor is sensitive only to
infrared rays.
FEATURES
•Wide angular response
•Relatively low-cost against metal can package
•Low profile package
•With daylight filter
APPLICATIONS
•Remote control sensors
•Card readers
•Optical switches
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
C-E voltage
E-C voltage
Collector current
Collector power dissipation
Operating temp.
Storage Temp.
Soldering temp. *1
VCEO
VECO
IC
PC
Topr.
Tstg.
Tsol.
40
4
30
100
-25~+90
-30~+100
260
V
V
mA
mW
Unit
(Ta=25℃)
720~1,050
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
VCEO=10V
VCE=10V, 200lx
*2
IC=2mA, 2,000lx
*2
VCC=10V, IC=5mA,
RL=100Ω
Item
Typ.
1
1.2
0.2
8
10
940
±70
Collector dark current
Light current
C-E saturation voltage
Switching speeds
Rise time
Fall time
Spectral sensitivity
Peak wavelength
Half anglee
ICEO
IL
VCE(sat)
tr
tf
λ
λp
△θ
0.5
200
5.0
0.4
nA
mA
V
μsec.
μsec.
nm
nm
deg.
Symbol
Conditions
Min.
Max.
Unit.
*2. Color temp.=2856K standard Tungsten lamp
*1. For MAX.5 seconds at the position of 2 mm from the package
ST-1MLBR2
ST-1MLAR2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn