Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-1KL3B Datasheet(Fiches technique) 1 Page - KODENSHI KOREA CORP.

Numéro de pièce ST-1KL3B
Description  Photo transistors(high-sensitivity NPN silicon phototransistors mounted in durable)
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KODENSHI [KODENSHI KOREA CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

ST-1KL3B Datasheet(HTML) 1 Page - KODENSHI KOREA CORP.

  ST-1KL3B Datasheet HTML 1Page - KODENSHI KOREA CORP. ST-1KL3B Datenblatt HTML 2Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
ST-1KL3A・ST-1KL3B
Photo transistors
KODENSHI
The ST-1KL3A and 1KL3B are high-sensitivity
NPN silicon phototransistors mounted in durable,
hermetically sealed TO-18 metal can which
provide years of reliable performance, even under
demanding conditions such as use outdoors.
FEATURES
•Narrow angular response
•Durable
•High reliability in demanding environments
•Two leads (Collector, Emitter) ST-1KL3A
•Three leads (Collector, Emitter, Base) ST-
1KL3B
APPLICATIONS
•Optical switches
•Optical detectors
•Infrared sensors
•Encoders
•Smoke detectors
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
C-E voltage
E-C voltage
Collector current
Collector power dissipation
Operating temp.
Storage Temp.
Soldering temp. *1
VCEO
VECO
IC
PC
Topr.
Tstg.
Tsol.
40
6
50
150
-30~+100
-50~+150
260
V
V
mA
mW
Unit
(Ta=25℃)
500~1,050
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
VCEO=10V
VCE=10V, 200lx
*2
IC=5mA, 2,000lx
*2
VCC=10V, IC=5mA,
RL=100Ω
Item
Typ.
1
5.0
0.2
3.2
4.8
880
±6
Collector dark current
Light current
C-E saturation voltage
Switching speeds
Rise time
Fall time
Spectral sensitivity
Peak wavelength
Half anglee
ICEO
IL
VCE(sat)
tr
tf
λ
λp
△θ
1.5
200
15
0.4
nA
mA
V
μsec.
μsec.
nm
nm
deg.
Symbol
Conditions
Min.
Max.
Unit.
*2. Color temp.=2856K standard Tungsten lamp
*1. For MAX.5 seconds at the position of 2 mm from the package
ST-1KL3B
ST-1KL3A


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn