Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-1CL3H Datasheet(Fiches technique) 1 Page - KODENSHI KOREA CORP.

Numéro de pièce ST-1CL3H
Description  Photo transistors(high sensitivity NPN silicon phototransistor mounted)
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KODENSHI [KODENSHI KOREA CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

ST-1CL3H Datasheet(HTML) 1 Page - KODENSHI KOREA CORP.

  ST-1CL3H Datasheet HTML 1Page - KODENSHI KOREA CORP. ST-1CL3H Datenblatt HTML 2Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
ST-1CL3H
Photo transistors
KODENSHI
The ST-1CL3H is a high sensitivity NPN silicon
phototransistor mounted in a 3ø low-cost ceramic
package, designed for use as low-cost detector array
in consumer and industrial applications.
FEATURES
•Compact (ø3mm)
•Wide angular response
•Low-cost
APPLICATIONS
•Optical counters
•Optical detectors
•Floppy disk drives
•Encoders
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
C-E voltage
E-C voltage
Collector current
Collector power dissipation
Operating temp.
Storage Temp.
Soldering temp. *1
VCEO
VECO
IC
PC
Topr.
Tstg.
Tsol.
20
5
20
75
-20~+90
-30~+100
260
V
V
mA
mW
Unit
(Ta=25℃)
480~1,000
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
VCEO=10V
VCE=3V, 1,000lx
*2
IC=0.2mA, 2,000lx
*2
VCC=10V, IC=1mA,
RL=100Ω
Item
Typ.
1
1.5
0.15
2.5
3.8
800
±50
Collector dark current
Light current
C-E saturation voltage
Switching speeds
Rise time
Fall time
Spectral sensitivity
Peak wavelength
Half anglee
ICEO
IL
VCE(sat)
tr
tf
λ
λp
△θ
0.1
200
10
0.4
nA
mA
V
μsec.
μsec.
nm
nm
deg.
Symbol
Conditions
Min.
Max.
Unit.
*2. Color temp.=2856K standard Tungsten lamp
*1. For MAX.5 seconds at the position of 2 mm from the package


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn