Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SD-019-141-411-IR920 Datasheet(Fiches technique) 2 Page - API Delevan

Numéro de pièce SD-019-141-411-IR920
Description  Surface-Mount Photodiode Assembly
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  API [API Delevan]
Site Internet  http://www.delevan.com
Logo API - API Delevan

SD-019-141-411-IR920 Datasheet(HTML) 2 Page - API Delevan

  SD-019-141-411-IR920 Datenblatt HTML 1Page - API Delevan SD-019-141-411-IR920 Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface-Mount Photodiode Assembly
SD019-141-411-IR920
WWW.ADVANCEDPHOTONIX.COM
Precision
? Control ? Results
Information in this technical datasheet is believed to
be correct and reliable. However, no responsibility is
assumed for possible inaccuracies or omission.
Specifications are subject to change without notice.
Page 2/2
REV 03-24-15
2015 Advanced Photonix, Inc. All rights reserved.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 ? Phone (805) 987-0146 ? Fax (805) 484-9935
AdvancedPhotonix,Inc.
OPTO-ELECTRICAL PARAMETERS
Ta = 23C unless noted otherwise
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Forward Voltage
If=10 mA
0.5
0.8
1.3
V
Breakdown Voltage
IR = 100 ?A
50
-
-
V
Shunt Resistance
Vbias = 10 mV
-
2
-
G
?
Dark Current
VR = 10 V
-
20
500
pA
Junction Capacitance
VR = 5V; f = 1000 kHz
-
6.0
-
pF
Rise Time @ 920 nm
VR = 3V; Ri= 1000?
-
-
1.0
uS
Responsivity (-IR)
VR = 0V; ? = 920 nm
-
0.5
-
A/W
TYPICAL PERFORMANCE
SPECTRAL RESPONSE


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn