Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-019-111-411 Fiches technique(PDF) 1 Page - API Delevan

No de pièce SD-019-111-411
Description  Surface-Mount Photodiode Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  API [API Delevan]
Site Internet  http://www.delevan.com
Logo API - API Delevan

SD-019-111-411 Fiches technique(HTML) 1 Page - API Delevan

  SD-019-111-411 Datasheet HTML 1Page - API Delevan SD-019-111-411 Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface-Mount Photodiode Assembly
SD019-111-411
WWW.ADVANCEDPHOTONIX.COM
Precision
– Control – Results
Information in this technical datasheet is believed to
be correct and reliable. However, no responsibility is
assumed for possible inaccuracies or omission.
Specifications are subject to change without notice.
Page 1/2
REV 09-22-14
© 2014 Advanced Photonix, Inc. All rights reserved.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935
AdvancedPhotonix,Inc.
DESCRIPTION
FEATURES
The SD 019-111-411 is a silicon PIN 0.18mm² active area photodiode,
assembled in a 0805 SMT package.
Small Footprint
Low Capacitance
High Speed
RELIABILITY
APPLICATIONS
Contact API for recommendations on specific test conditions and
procedures.
 Industrial Sensors
 Light Management
Handheld Devices
ABSOLUTE MAXIMUM RATINGS
Ta = 25°C UNLESS OTHERWISE NOTED
PARAMETER
MIN
MAX
UNITS
Reverse Voltage
-
50
V
Operating Temperature
-40
+105
°C
Storage Temperature
-50
+125
°C
Soldering Temperature*
-
+260
°C


Numéro de pièce similaire - SD-019-111-411

FabricantNo de pièceFiches techniqueDescription
logo
API Delevan
SD-019-101-411 API-SD-019-101-411 Datasheet
337Kb / 2P
   Surface-Mount Photodiode Assembly
SD-019-141-411-IR920 API-SD-019-141-411-IR920 Datasheet
252Kb / 2P
   Surface-Mount Photodiode Assembly
SD-019-141-411-R API-SD-019-141-411-R Datasheet
332Kb / 2P
   Surface-Mount Filtered Photodiode Assembly
More results

Description similaire - SD-019-111-411

FabricantNo de pièceFiches techniqueDescription
logo
Luna Innovations Incorp...
SD040-111-411 LUNA-SD040-111-411 Datasheet
162Kb / 2P
   Surface-Mount Photodiode Assembly
logo
List of Unclassifed Man...
SD019-111-411 ETC2-SD019-111-411 Datasheet
138Kb / 2P
   Surface-Mount Photodiode Assembly
logo
API Delevan
SD-019-141-411-IR920 API-SD-019-141-411-IR920 Datasheet
252Kb / 2P
   Surface-Mount Photodiode Assembly
SD-040-101-411 API-SD-040-101-411 Datasheet
403Kb / 2P
   Surface-Mount Photodiode Assembly
SD-040-111-411 API-SD-040-111-411 Datasheet
397Kb / 2P
   Surface-Mount Photodiode Assembly
logo
List of Unclassifed Man...
SD040-101-411 ETC2-SD040-101-411 Datasheet
166Kb / 2P
   Surface-Mount Photodiode Assembly
logo
Luna Innovations Incorp...
SD019-111-411 LUNA-SD019-111-411 Datasheet
138Kb / 2P
   Surface-Mount Photodiode Assembly
SD019-141-411-IR920 LUNA-SD019-141-411-IR920 Datasheet
429Kb / 3P
   Surface-Mount Photodiode Assembly
SD040-101-411 LUNA-SD040-101-411 Datasheet
166Kb / 2P
   Surface-Mount Photodiode Assembly
logo
API Delevan
SD-019-101-411 API-SD-019-101-411 Datasheet
337Kb / 2P
   Surface-Mount Photodiode Assembly
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com