Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN53541UCX Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FAN53541UCX
Description  2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN53541UCX Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN53541UCX Datasheet HTML 3Page - Fairchild Semiconductor FAN53541UCX Datasheet HTML 4Page - Fairchild Semiconductor FAN53541UCX Datasheet HTML 5Page - Fairchild Semiconductor FAN53541UCX Datasheet HTML 6Page - Fairchild Semiconductor FAN53541UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN53541UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN53541UCX Datasheet HTML 9Page - Fairchild Semiconductor FAN53541UCX Datasheet HTML 10Page - Fairchild Semiconductor FAN53541UCX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN53541 • Rev. 1.0.2
7
Typical Characteristics
Unless otherwise specified; VIN=5 V, VOUT=1.2 V, VMODE=0 V, TA=25°C, circuit in Figure 1, and components per Table 1.
Figure 10. Regulation, 1.2 VOUT
Figure 11. Regulation, 3.3 VOUT
Figure 12. PFM / PWM Boundaries, 1.2 VOUT
Figure 13. PFM / PWM Boundaries, 3.3 VOUT
Figure 14. Output Voltage Ripple
Figure 15. Switching Frequency
-5
0
5
10
15
20
25
30
35
0
1000
2000
3000
4000
5000
Load Current (mA)
2.7 VIN
3.3 VIN
5.0 VIN
5.5 VIN
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
0
1000
2000
3000
4000
5000
Load Current (mA)
4.2 VIN
5.0 VIN
5.5 VIN
0
200
400
600
800
1,000
1,200
1,400
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
PFM Exit
PFM Enter
0
200
400
600
800
1,000
1,200
1,400
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
PFM Exit
PFM Enter
0
5
10
15
20
25
30
0
1000
2000
3000
4000
5000
Load Current (mA)
3.6VIN, Auto
3.6VIN, PWM
5.0VIN, Auto
5.0VIN, PWM
0
500
1,000
1,500
2,000
2,500
3,000
0
1000
2000
3000
4000
5000
Load Current (mA)
3.6VIN, Auto
5.0VIN, Auto


Numéro de pièce similaire - FAN53541UCX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN53541UCX ONSEMI-FAN53541UCX Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
More results

Description similaire - FAN53541UCX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
FAN53526 ONSEMI-FAN53526_17 Datasheet
1Mb / 22P
   3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN5361 FAIRCHILD-FAN5361 Datasheet
1Mb / 17P
   6MHz, 600mA TinyBuck??Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com