Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM285-1.2 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM285-1.2
Description  Micropower Voltage References
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM285-1.2 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LM285-1.2 Datasheet HTML 3Page - Texas Instruments LM285-1.2 Datasheet HTML 4Page - Texas Instruments LM285-1.2 Datasheet HTML 5Page - Texas Instruments LM285-1.2 Datasheet HTML 6Page - Texas Instruments LM285-1.2 Datasheet HTML 7Page - Texas Instruments LM285-1.2 Datasheet HTML 8Page - Texas Instruments LM285-1.2 Datasheet HTML 9Page - Texas Instruments LM285-1.2 Datasheet HTML 10Page - Texas Instruments LM285-1.2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LM285-1.2, LM385-1.2, LM385B-1.2
www.ti.com
SLVS075J – APRIL 1989 – REVISED JANUARY 2015
8 Detailed Description
8.1 Overview
The LM285-1.2, LM385-1.2, and LM385-1.2 devices are micropower, two-terminal, band-gap voltage references
which operate over a 10-
μA to 20-mA current range. On-chip trimming provides tight voltage tolerance. The
band-gap reference for these devices has low noise and long-term stability.
The design makes these devices exceptionally tolerant of capacitive loading and, thus, easier to use in most
reference applications. The wide dynamic operating temperature range accommodates varying current supplies,
with excellent regulation.
The extremely low power drain of this series makes them useful for micropower circuitry. These voltage
references can be used to make portable meters, regulators, or general-purpose analog circuitry, with battery life
approaching shelf life.
8.2 Functional Block Diagram
A.
Component values shown are nominal.
8.3 Feature Description
A band gap voltage reference controls high gain amplifier and shunt pass element to maintain a nearly constant
voltage between cathode and anode. Regulation occurs after a minimum current is provided to power the voltage
divider and amplifier. Internal frequency compensation provides a stable loop for all capacitor loads. Floating
shunt design is useful for both positive and negative regulation applications.
8.4 Device Functional Modes
LM285-1.2, LM385-1.2, and LM385-1.2 devices will operate in one mode, which is as a fixed voltage reference
that cannot be adjusted.
In order for a proper Reverse Voltage to be developed, current must be sourced into the cathode of LM285. The
minimum current needed for proper regulation is denoted in Electrical Characteristics as IZ,min.
Copyright © 1989–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM285-1.2 LM385-1.2 LM385B-1.2


Numéro de pièce similaire - LM285-1.2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM285-1.2 TI-LM285-1.2 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
logo
National Semiconductor ...
LM285-1.2 NSC-LM285-1.2 Datasheet
698Kb / 11P
   Micropower Voltage Reference Diode
LM285-1.2 NSC-LM285-1.2 Datasheet
293Kb / 10P
   Micropower Voltage Reference Diode
logo
Linear Technology
LM285-1.2 LINER-LM285-1.2 Datasheet
147Kb / 8P
   Micropower Voltage Reference
LM285-1.2 LINER-LM285-1.2 Datasheet
153Kb / 8P
   Micropower Voltage Reference
More results

Description similaire - LM285-1.2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com