Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si1146-M01-GMR Fiches technique(PDF) 10 Page - Silicon Laboratories

No de pièce Si1146-M01-GMR
Description  Integrated infrared proximity detector
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si1146-M01-GMR Fiches technique(HTML) 10 Page - Silicon Laboratories

Back Button Si1146-M01-GMR Datasheet HTML 6Page - Silicon Laboratories Si1146-M01-GMR Datasheet HTML 7Page - Silicon Laboratories Si1146-M01-GMR Datasheet HTML 8Page - Silicon Laboratories Si1146-M01-GMR Datasheet HTML 9Page - Silicon Laboratories Si1146-M01-GMR Datasheet HTML 10Page - Silicon Laboratories Si1146-M01-GMR Datasheet HTML 11Page - Silicon Laboratories Si1146-M01-GMR Datasheet HTML 12Page - Silicon Laboratories Si1146-M01-GMR Datasheet HTML 13Page - Silicon Laboratories Si1146-M01-GMR Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
Si1145/46/47-M01
10
Rev. 1.0
Table 3. I2C Timing Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Clock Frequency
fSCL
0.09
3.4
MHz
Clock Pulse Width Low
tLOW
160
ns
Clock Pulse Width High
tHIGH
60
ns
Start Condition Hold Time
tHD.STA
160
ns
Start Condition Setup Time
tSU.STA
160
ns
Input Data Setup Time
tSU.DAT
10
ns
Input Data Hold Time
tHD.DAT
0—
ns
Stop Condition Setup Time
tSU.STO
160
ns
Table 4. LED Electro-Optical Characteristics*
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Forward voltage
Vf1
If = 10 μA
0.8
V
Vf2
If = 50 mA
1.6
1.9
V
Reverse current
Ir
Vr = 10 V
5.0
μA
Peak wavelength
p
If = 50 mA
840
855
870
nm
Spectral half-width

If = 50 mA
30
nm
Radiant flux
Po
If = 50 mA
12
mW
Radiant Intensity
Ie
If = 50 mA
17
23
30
mW/sr
Half Angle
25
Degrees
*Note: All specifications measured at 25 °C.


Numéro de pièce similaire - Si1146-M01-GMR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
More results

Description similaire - Si1146-M01-GMR

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS209A ONSEMI-CS209A Datasheet
219Kb / 8P
   Proximity Detector
July, 2006 ??Rev. 3
logo
Cherry Semiconductor Co...
CS209A CHERRY-CS209A Datasheet
166Kb / 6P
   Proximity Detector
logo
ams AG
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
   Digital Proximity Detector
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TSL2672 AMSCO-TSL2672 Datasheet
749Kb / 31P
   DIGITAL PROXIMITY DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com