Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54AC245F Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 54AC245F
Description  Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC245F Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  54AC245F Datasheet HTML 1Page - National Semiconductor (TI) 54AC245F Datasheet HTML 2Page - National Semiconductor (TI) 54AC245F Datasheet HTML 3Page - National Semiconductor (TI) 54AC245F Datasheet HTML 4Page - National Semiconductor (TI) 54AC245F Datasheet HTML 5Page - National Semiconductor (TI) 54AC245F Datasheet HTML 6Page - National Semiconductor (TI) 54AC245F Datasheet HTML 7Page - National Semiconductor (TI) 54AC245F Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DC Characteristics for ’ACT Family Devices (Continued)
54ACT
Symbol
Parameter
V
CC
T
A =
Units
Conditions
(V)
−55˚C to +125˚C
Guaranteed
Limits
I
OZT
Maximum I/O
V
I (OE) = VIL,VIH
Leakage Current
5.5
±5.0
µA
V
I = VCC, GND
V
O = VCC, GND
Note 5: All outputs loaded; thresholds on input associated with output under test.
Note 6: Maximum test duration 2.0 ms, one output loaded at a time.
Note 7: ICC for 54ACT @ 25˚C is identical to 74ACT @ 25˚C.
AC Electrical Characteristics
54AC
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 8)
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
3.3
1.0
11.5
ns
A
n to Bn or Bn to An
5.0
1.0
8.5
t
PHL
Propagation Delay
3.3
1.0
10.0
ns
A
n to Bn or Bn to An
5.0
1.0
7.5
t
PZH
Output Enable Time
3.3
1.0
13.5
ns
5.0
1.0
10.0
t
PZL
Output Enable Time
3.3
1.0
14.5
ns
5.0
1.0
10.5
t
PHZ
Output Disable Time
3.3
1.0
13.5
ns
5.0
1.0
10.5
t
PLZ
Output Disable Time
3.3
1.0
14.0
ns
5.0
1.0
10.5
Note 8: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
AC Electrical Characteristics
54ACT
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 9)
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
5.0
1.0
9.0
ns
A
n to Bn or Bn to An
t
PHL
Propagation Delay
5.0
1.0
10.0
ns
A
n to Bn or Bn to An
t
PZH
Output Enable Time
5.0
1.0
12.0
ns
t
PZL
Output Enable Time
5.0
1.0
13.0
ns
t
PHZ
Output Disable Time
5.0
1.0
12.0
ns
t
PLZ
Output Disable Time
5.0
1.0
12.0
ns
Note 9: Voltage Range 5.0 is 5.0V ±0.5V
www.national.com
5


Numéro de pièce similaire - 54AC245F

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54AC245-N TI1-54AC245-N Datasheet
197Kb / 10P
[Old version datasheet]   54AC245 54ACT245 Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
More results

Description similaire - 54AC245F

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54AC245-N TI1-54AC245-N Datasheet
197Kb / 10P
[Old version datasheet]   54AC245 54ACT245 Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
National Semiconductor ...
54ACQ245 NSC-54ACQ245 Datasheet
153Kb / 8P
   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
Texas Instruments
54ACQ245 TI1-54ACQ245 Datasheet
198Kb / 10P
[Old version datasheet]   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
National Semiconductor ...
54ABT245 NSC-54ABT245 Datasheet
261Kb / 10P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74F2245 NSC-74F2245 Datasheet
112Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54F245DM NSC-54F245DM Datasheet
173Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74FR245 NSC-74FR245 Datasheet
152Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com