Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1T97L6X Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce 74AUP1T97L6X
Description  Low Power Configurable Gate with Voltage-Level Translator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AUP1T97L6X Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button 74AUP1T97L6X Datasheet HTML 3Page - Fairchild Semiconductor 74AUP1T97L6X Datasheet HTML 4Page - Fairchild Semiconductor 74AUP1T97L6X Datasheet HTML 5Page - Fairchild Semiconductor 74AUP1T97L6X Datasheet HTML 6Page - Fairchild Semiconductor 74AUP1T97L6X Datasheet HTML 7Page - Fairchild Semiconductor 74AUP1T97L6X Datasheet HTML 8Page - Fairchild Semiconductor 74AUP1T97L6X Datasheet HTML 9Page - Fairchild Semiconductor 74AUP1T97L6X Datasheet HTML 10Page - Fairchild Semiconductor 74AUP1T97L6X Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AUP1T97 • 1.0.3
7
AC Electrical Characteristics
Symbol
Parameter
VCC
Conditions
TA=+25°C
TA=-40 to +85°C
Units
Figure
Min.
Typ.
Max.
Typ.
Max.
tPHL, tPLH
Propagation
Delay
2.30V
≤ V
CC ≤ 2.70V,
VIN=1.65V to 1.95V
CL=5pF,
RL=1MΩ
1.1
3.7
5.5
1.1
6.8
ns
Figure 10
Figure 11
2.30V
≤ V
CC ≤ 2.70V,
VIN=2.30V to 2.70V
1.1
3.8
6.5
1.1
7.0
2.30V
≤ V
CC ≤ 2.70V,
VIN=3.0V to 3.60V
1.1
3.9
6.0
1.1
6.5
3.00V
≤ V
CC ≤ 3.60V,
VIN=1.65V to 1.95V
1.0
3.3
4.9
1.0
8.0
3.00V
≤ V
CC ≤ 3.60V,
VIN=2.30V to 2.70V
1.0
3.2
4.6
1.0
5.8
3.00V
≤ V
CC ≤ 3.60V,
VIN=3.00V to 3.60V
1.0
3.1
4.7
1.0
5.5
2.30V
≤ V
CC ≤ 2.70V,
VIN=1.65V to 1.95V
CL=10pF,
RL=1MΩ
1.3
4.1
6.5
1.0
7.9
2.30V
≤ V
CC ≤ 2.70V,
VIN=2.30V to 2.70V
1.3
4.0
6.2
1.0
7.1
2.30V
≤ V
CC ≤ 2.70V,
VIN=3.0V to 3.60V
1.3
3.7
5.7
1.0
6.5
3.00V
≤ V
CC ≤ 3.60V,
VIN=1.65V to 1.95V
1.3
3.5
5.6
1.0
8.5
3.00V
≤ V
CC ≤ 3.60V,
VIN=2.30V to 2.70V
1.3
3.4
5.3
1.0
6.1
3.00V
≤ V
CC ≤ 3.60V,
VIN=3.00V to 3.60V
1.3
3.3
5.2
1.0
5.9
2.30V
≤ V
CC ≤ 2.70V,
VIN=1.65V to 1.95V
CL=15pF,
RL=1MΩ
1.5
4.6
6.9
1.0
8.7
2.30V
≤ V
CC ≤ 2.70V,
VIN=2.30V to 2.70V
1.5
4.4
6.8
1.0
7.9
2.30V
≤ V
CC ≤ 2.70V,
VIN=3.0V to 3.60V
1.5
4.2
6.3
1.0
7.4
3.00V
≤ V
CC ≤ 3.60V,
VIN=1.65V to 1.95V
1.3
3.9
6.2
1.0
9.1
3.00V
≤ V
CC ≤ 3.60V,
VIN=2.30V to 2.70V
1.3
3.8
5.6
1.0
6.8
3.00V
≤ V
CC ≤ 3.60V,
VIN=3.00V to 3.60V
1.3
3.8
5.6
1.0
6.2
2.30V
≤ V
CC ≤ 2.70V,
VIN=1.65V to 1.95V
CL=30pF,
RL=1MΩ
1.3
4.2
7.9
1.3
8.5
2.30V
≤ V
CC ≤ 2.70V,
VIN=2.30V to 2.70V
1.3
3.9
7.9
1.3
8.5
2.30V
≤ V
CC ≤ 2.70V,
VIN=3.0V to 3.60V
1.0
3.7
7.3
1.0
8.9
3.00V
≤ V
CC ≤ 3.60V,
VIN=1.65V to 1.95V
1.3
3.5
6.1
1.3
7.9
3.00V
≤ V
CC ≤ 3.60V,
VIN=2.30V to 2.70V
1.1
3.0
5.9
1.1
6.8
3.00V
≤ V
CC ≤ 3.60V,
VIN=3.00V to 3.60V
1.0
2.7
5.7
1.0
6.5
CIN
Input
Capacitance
0
2.1
pF
COUT
Output
Capacitance
0
3.0
pF
CPD
Power
Dissipation
Capacitance
2.30V
≤ V
CC ≤ 2.70V
2.0
pF
3.00V
≤ V
CC ≤ 3.60V
2.7


Numéro de pièce similaire - 74AUP1T97L6X

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74AUP1T97L6X ONSEMI-74AUP1T97L6X Datasheet
559Kb / 13P
   Low Power Configurable Gate
October 2010 Rev. 1.0.3
74AUP1T97L6X ONSEMI-74AUP1T97L6X Datasheet
315Kb / 10P
   TinyLogic Low Power Configurable Gate with Voltage-Level Translator
June 2022 ??Rev. 2
More results

Description similaire - 74AUP1T97L6X

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1T58 NXP-74AUP1T58 Datasheet
101Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-29 September 2009
logo
Nexperia B.V. All right...
74AUP1T97-Q100 NEXPERIA-74AUP1T97-Q100 Datasheet
235Kb / 15P
   Low-power configurable gate with voltage-level translator
Rev. 3 - 27 January 2022
74AUP1T58 NEXPERIA-74AUP1T58 Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T97 NXP-74AUP1T97 Datasheet
89Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74AUP1T98-Q100 NEXPERIA-74AUP1T98-Q100 Datasheet
225Kb / 14P
   Low-power configurable gate with voltage-level translator
74AUP1T57 NEXPERIA-74AUP1T57 Datasheet
265Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T57 NXP-74AUP1T57 Datasheet
102Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-3 August 2009
logo
Nexperia B.V. All right...
74AUP1T97 NEXPERIA-74AUP1T97 Datasheet
280Kb / 19P
   Low-power configurable gate with voltage-level translator
Rev. 8 - 27 January 2022
logo
NXP Semiconductors
74AUP1T98 NXP-74AUP1T98 Datasheet
99Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-6 March 2008
logo
Nexperia B.V. All right...
74AUP1T98 NEXPERIA-74AUP1T98 Datasheet
263Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 27 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com