Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1T97L6X Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce 74AUP1T97L6X
Description  Low Power Configurable Gate with Voltage-Level Translator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AUP1T97L6X Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button 74AUP1T97L6X Datasheet HTML 2Page - Fairchild Semiconductor 74AUP1T97L6X Datasheet HTML 3Page - Fairchild Semiconductor 74AUP1T97L6X Datasheet HTML 4Page - Fairchild Semiconductor 74AUP1T97L6X Datasheet HTML 5Page - Fairchild Semiconductor 74AUP1T97L6X Datasheet HTML 6Page - Fairchild Semiconductor 74AUP1T97L6X Datasheet HTML 7Page - Fairchild Semiconductor 74AUP1T97L6X Datasheet HTML 8Page - Fairchild Semiconductor 74AUP1T97L6X Datasheet HTML 9Page - Fairchild Semiconductor 74AUP1T97L6X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AUP1T97 • 1.0.3
6
DC Electrical Characteristics
Symbol
Parameter
VCC
Conditions
TA=+25°C
TA=-40 to +85°C
Units
Min.
Max.
Min.
Max.
VP
Positive Threshold
Voltage
2.3V to 2.7V
0.60
1.10
0.60
1.10
V
3.0V to 3.6V
0.75
1.16
0.75
1.19
VN
Negative
Threshold Voltage
2.3V to 2.7V
0.35
0.60
0.35
0.60
V
3.0V to 3.6V
0.50
0.85
0.50
0.85
VH
Hysteresis Voltage
2.3V to 2.7V
0.23
0.60
0.10
0.60
V
3.0V to 3.6V
0.25
0.56
0.15
0.56
VOH
HIGH Level Output
Voltage
2.3V
≤ V
CC ≤ 3.6V
IOH=-20µA
VCC-0.1
VCC-0.1
V
2.3V
IOH=-2.3mA
2.05
1.97
IOH=-3.1mA
1.90
1.85
3.0V
IOH=-2.7mA
2.72
2.67
IOH=-4mA
2.60
2.55
VOL
LOW Level Output
Voltage
2.3V
≤ V
CC ≤ 3.6V
IOL=20µA
0.10
0.10
V
2.3V
IOL=2.3mA
0.31
0.33
IOL=3.1mA
0.44
0.45
3.0V
IOL=2.7mA
0.31
0.33
IOL=4.0mA
0.44
0.45
IIN
Input Leakage
Current
0V to 3.6V
0
≤ V
IN ≤ 3.6
±0.10
±0.50
µA
IOFF
Power Off Leakage
Current
0V
0
≤ (V
IN,VO) ≤ 3.6
0.10
0.50
µA
ΔI
OFF
Additional Power
Off Leakage
Current
0V to 0.2V
VIN or VO=0V to
3.6V
0.20
0.60
µA
ICC
Quiescent Supply
Current
2.3V to 3.6V
VIN=VCC or GND
0.50
0.90
µA
VCC ≤ VIN ≤ 3.6V
±0.90
ΔI
CC
Increase in ICC per
Input
2.3V to 2.7V
One Input at
0.3V or 1.1V,
other Inputs at 0
or VCC
4
µA
3.0V to 3.6V
One Input at
0.45V or 1.2V,
other Inputs at 0
or VCC
12


Numéro de pièce similaire - 74AUP1T97L6X

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74AUP1T97L6X ONSEMI-74AUP1T97L6X Datasheet
559Kb / 13P
   Low Power Configurable Gate
October 2010 Rev. 1.0.3
74AUP1T97L6X ONSEMI-74AUP1T97L6X Datasheet
315Kb / 10P
   TinyLogic Low Power Configurable Gate with Voltage-Level Translator
June 2022 ??Rev. 2
More results

Description similaire - 74AUP1T97L6X

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1T58 NXP-74AUP1T58 Datasheet
101Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-29 September 2009
logo
Nexperia B.V. All right...
74AUP1T97-Q100 NEXPERIA-74AUP1T97-Q100 Datasheet
235Kb / 15P
   Low-power configurable gate with voltage-level translator
Rev. 3 - 27 January 2022
74AUP1T58 NEXPERIA-74AUP1T58 Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T97 NXP-74AUP1T97 Datasheet
89Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74AUP1T98-Q100 NEXPERIA-74AUP1T98-Q100 Datasheet
225Kb / 14P
   Low-power configurable gate with voltage-level translator
74AUP1T57 NEXPERIA-74AUP1T57 Datasheet
265Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T57 NXP-74AUP1T57 Datasheet
102Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-3 August 2009
logo
Nexperia B.V. All right...
74AUP1T97 NEXPERIA-74AUP1T97 Datasheet
280Kb / 19P
   Low-power configurable gate with voltage-level translator
Rev. 8 - 27 January 2022
logo
NXP Semiconductors
74AUP1T98 NXP-74AUP1T98 Datasheet
99Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-6 March 2008
logo
Nexperia B.V. All right...
74AUP1T98 NEXPERIA-74AUP1T98 Datasheet
263Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 27 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com