Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSS0418P-100N Fiches technique(PDF) 1 Page - Frontier Electronics.

No de pièce CSS0418P-100N
Description  SMD WIRE WOUND POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRONTIER [Frontier Electronics.]
Site Internet  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS0418P-100N Fiches technique(HTML) 1 Page - Frontier Electronics.

  CSS0418P-100N Datasheet HTML 1Page - Frontier Electronics. CSS0418P-100N Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSS0418P Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
DCR Max.
(m
Ω)
Rated Current
(A)
CSS0418P-1R0N
1R0
1.0
7.96MHz
45
1.72
CSS0418P-2R2N
2R2
2.2
7.96MHz
75
1.32
CSS0418P-2R7N
2R7
2.7
7.96MHz
105
1.28
CSS0418P-3R3N
3R3
3.3
7.96MHz
110
1.04
CSS0418P-3R9N
3R9
3.9
7.96MHz
155
0.88
CSS0418P-4R7N
4R7
4.7
7.96MHz
162
0.84
CSS0418P-5R6N
5R6
5.6
7.96MHz
170
0.80
CSS0418P-6R8N
6R8
6.8
7.96MHz
200
0.76
CSS0418P-8R2N
8R2
8.2
7.96MHz
245
0.68
CSS0418P-100N
100
10
100KHz
200
0.61
CSS0418P-120N
120
12
100KHz
210
0.56
CSS0418P-150N
150
15
100KHz
240
0.50
CSS0418P-180N
180
18
100KHz
338
0.48
CSS0418P-220N
220
22
100KHz
397
0.41
CSS0418P-270N
270
27
100KHz
441
0.35
CSS0418P-330N
330
33
100KHz
694
0.32
CSS0418P-390N
390
39
100KHz
709
0.30
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
k
CSS0418P
4.7
(0.185)
4.7
(0.185)
2.0
(0.079)
6.9
(0.272)
4.5
(0.177)
4.5
(0.177)
1.5
(0.059)
1.9
(0.075)
1.5
(0.059)
5.3
(0.209)
Tol.
±0.3
(0.012)
±0.3
(0.012)
Max.
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSS0418P-xxx_, “CSS0418P” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: N = ± 30%, M = ± 20%, L= ± 15%.
3. Operating temperature range: -30ºC to +100ºC (Including self-generated heat).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7.
Inductance drop no more than 35% of initial value at rated current, temperature rise ∆t < 40ºC.
8. Inductance and Current range: From 1.0 µH (1.72A) to 39.0 µH (0.30A).
9. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Numéro de pièce similaire - CSS0418P-100N

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
CSS0418P-100N FRONTIER-CSS0418P-100N Datasheet
185Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results

Description similaire - CSS0418P-100N

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
CSS0218P-2R2M FRONTIER-CSS0218P-2R2M Datasheet
173Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSS054D-100M FRONTIER-CSS054D-100M Datasheet
202Kb / 1P
   SMD WIRE WOUND POWER INDUCTORS
CSS0211P-1R5N FRONTIER-CSS0211P-1R5N Datasheet
174Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSMH0312D FRONTIER-CSMH0312D Datasheet
208Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSS1050P FRONTIER-CSS1050P Datasheet
216Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
logo
Shanghai Leiditech Elec...
WSPA8040S LEIDITECH-WSPA8040S Datasheet
1Mb / 5P
   Wire Wound SMD Power Inductors
logo
Frontier Electronics.
CSM0418D-1R0M FRONTIER-CSM0418D-1R0M Datasheet
160Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSS063D-100M FRONTIER-CSS063D-100M Datasheet
188Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSS0316P-1R5L FRONTIER-CSS0316P-1R5L Datasheet
174Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSM0310D-1R0M FRONTIER-CSM0310D-1R0M Datasheet
186Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com