Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL7-L24-B Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce SL7-L24-B
Description  LEDcontinuously light
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SL7-L24-B Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  SL7-L24-B Datasheet HTML 1Page - List of Unclassifed Manufacturers SL7-L24-B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06/04/2015
171461 - HPL-ED2015 V12.0 EN
1 / 3
LED￿continuously￿light￿,￿blue￿24V
Part￿no. 
SL7-L24-B
Article￿no. 
171461
Catalog￿No. 
SL7-L24-B
Delivery￿programme
Product range
 
 
SL7 signal towers
Basic function
 
 
Continuous light module
Degree of Protection
 
 
IP66
Rated operational voltage
Ue
V
24 V AC/DC
Type of light
 
 
Continuous light
Light elements
 
 
LED
Colour
 
 
 
 
 
 
Blue
 
 
 
Function
 
 
Connection to SmartWire-DT
 
 
no
Technical￿data
General
Standards
 
 
IEC/EN 60947-5-1
Climatic proofing
 
 
Damp heat, constant, to IEC 60068-2-78
Damp heat, cyclic, to IEC 60069-2-30
Mounting position
 
 
As required
Mechanical shock resistance
 
g
> 15
according to IEC 60068-2-27
Shock duration 11 ms
Sinusoidal
IEC degree of protection
 
 
IP66
IEC/EN 60529
Protection type UL
 
 
Type 4, 4X, 13
Material
 
 
Enclosure: Polycarbonate (PC), black
Cap: Polycarbonate (PC)
Cap colour
 
 
 
 
 
 
Blue
Ambient temperature
 
°C
-30 - +60
Number of signal elements
 
 
Max. 5 with standard base
Max. 10 with base for mounting on both sides
Weight
 
g
80
Contacts
Rated impulse withstand voltage
Uimp
V AC
4000
Rated insulation voltage
Ui
V
250
Overvoltage category/pollution degree
 
 
III/3
modules
Type of light
 
 
Continuous light
Light elements
 
 
LED
Leakage current
 
A
< 0.003
lifespan
 
h
> 100000
Transmission angle
 
 
360°
Current-/power consumption
 
 
 


Numéro de pièce similaire - SL7-L24-B

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SL7-L24-A ETC2-SL7-L24-A Datasheet
262Kb / 3P
   LEDcontinuously light
SL7-L24-Y ETC2-SL7-L24-Y Datasheet
264Kb / 3P
   LED continuously light , yellow 24V
More results

Description similaire - SL7-L24-B

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SL7-L24-A ETC2-SL7-L24-A Datasheet
262Kb / 3P
   LEDcontinuously light
logo
Purdy Electronics Corpo...
AND130CR PURDY-AND130CR Datasheet
45Kb / 2P
   GaAlAs Red Light Light Emission
logo
Pepperl+Fuchs Inc.
VAZ-LED-40MM-CLD-BU PF-VAZ-LED-40MM-CLD-BU Datasheet
532Kb / 2P
   Stack light LED permanent light element
VAZ-LED-38MM-YE-RD-2M PF-VAZ-LED-38MM-YE-RD-2M Datasheet
368Kb / 2P
   Stack light LED permanent light element
VAZ-LED-40MM-CLD-GN PF-VAZ-LED-40MM-CLD-GN Datasheet
532Kb / 2P
   Stack light LED permanent light element
VAZ-LED-40MM-CLD-RD PF-VAZ-LED-40MM-CLD-RD Datasheet
532Kb / 2P
   Stack light LED permanent light element
VAZ-FLASH-70MM-RD PF-VAZ-FLASH-70MM-RD Datasheet
720Kb / 2P
   Stack light LED flashing light element
2020-06-29
VAZ-LED-40MM-CLD-YE PF-VAZ-LED-40MM-CLD-YE Datasheet
532Kb / 2P
   Stack light LED permanent light element
VAZ-LED-40MM-CLD-WH PF-VAZ-LED-40MM-CLD-WH Datasheet
533Kb / 2P
   Stack light LED permanent light element
VAZ-FLASH-70MM-YE PF-VAZ-FLASH-70MM-YE Datasheet
794Kb / 2P
   Stack light LED flashing light element
2020-06-29
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com