Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMS3121 Fiches technique(PDF) 8 Page - Advanced Monolithic Systems Ltd

No de pièce AMS3121
Description  2A Fast Transient Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMS [Advanced Monolithic Systems Ltd]
Site Internet   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS3121 Fiches technique(HTML) 8 Page - Advanced Monolithic Systems Ltd

  AMS3121 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS3121 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS3121 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS3121 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS3121 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS3121 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS3121 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS3121 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS3121 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AMS3121
2A Fast Transient Linear Regulator
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
8
Fax (925) 443-0723
Figure 2: AMS3121 TO-263 3-Pin Option
Evaluation Board - Top Side
Figure 3: AMS3121 TO-263 3-Pin Option
Evaluation Board - Bottom Side
Figure 4: AMS3121 Evaluation Board Schematic
Table 1: Evaluation Board Bill of Materials
Component Value
Manufacturer
Manufacturer Part Number
C1,C2
22µF, 10V, X5R, 0805, Ceramic
Taiyo Yuden
LMK212BJ226MG-T
C3,C5,C4,C6
Optional
U1
Low Drop Out Linear Regulator
AMS
AMS3131
C2
22uF
Vin
Vout
C1
22uF
C5
470uF *1
C6
22uF *2
C3
470uF *1
C4
22uF *2
gnd
gnd
C1, C2 22uF X5R 1210 10V Ceramic Capaci tor
*1. Optional Electrolytic Capacitor in place of Ceramic Capacitor
*2. Optional Tantalum Capacitor in place of Ceramic Capacitor
U1
AMS3121


Numéro de pièce similaire - AMS3121

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Monolithic Sys...
AMS3121 ADMOS-AMS3121 Datasheet
327Kb / 9P
   Current Limit protection
AMS3121M-XX ADMOS-AMS3121M-XX Datasheet
327Kb / 9P
   Current Limit protection
AMS3121T-XX ADMOS-AMS3121T-XX Datasheet
327Kb / 9P
   Current Limit protection
More results

Description similaire - AMS3121

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Monolithic Sys...
AMS3120 AMS-AMS3120 Datasheet
409Kb / 9P
   2A Fast Transient Linear Regulator
logo
Monolithic Power System...
EV20046DN-00A MPS-EV20046DN-00A Datasheet
114Kb / 4P
   Fast Transient Response, 2A Linear Regulator EV Board
EV20046DQ-00A MPS-EV20046DQ-00A Datasheet
194Kb / 4P
   Fast Transient Response, 2A Linear Regulator EV Board
logo
Anpec Electronics Corop...
APL5337 ANPEC-APL5337 Datasheet
600Kb / 18P
   Source and Sink, 2A, Fast Transient Response Linear Regulator
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
logo
Advanced Monolithic Sys...
AMS3132 AMS-AMS3132 Datasheet
439Kb / 10P
   3A Fast Transient Linear Regulator
AMS3131 AMS-AMS3131 Datasheet
319Kb / 9P
   3A Fast Transient Linear Regulator
logo
List of Unclassifed Man...
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
   Fast Transient Response Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8066 BELLING-BL8066 Datasheet
211Kb / 6P
   2A Linear Regulator
BL8559 BELLING-BL8559 Datasheet
182Kb / 6P
   2A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com