Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

54ACT109D Datasheet(Fiches technique) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numéro de pièce 54ACT109D
Description  Dual JK Positive Edge-Triggered Flip-Flop
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT109D Datasheet(HTML) 6 Page - National Semiconductor (TI)

  54ACT109D Datenblatt HTML 1Page - National Semiconductor (TI) 54ACT109D Datenblatt HTML 2Page - National Semiconductor (TI) 54ACT109D Datenblatt HTML 3Page - National Semiconductor (TI) 54ACT109D Datenblatt HTML 4Page - National Semiconductor (TI) 54ACT109D Datenblatt HTML 5Page - National Semiconductor (TI) 54ACT109D Datasheet HTML 6Page - National Semiconductor (TI) 54ACT109D Datenblatt HTML 7Page - National Semiconductor (TI) 54ACT109D Datenblatt HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AC Electrical Characteristics
54ACT
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 10)
C
L = 50 pF
Min
Max
f
max
Maximum Clock
5.0
85
MHz
Frequency
t
PLH
Propagation Delay
5.0
1.0
14.0
ns
CP
n to Qn or Qn
t
PHL
Propagation Delay
5.0
1.0
12.0
ns
CP
n to Qn or Qn
t
PLH
Propagation Delay
5.0
1.0
11.5
ns
C
Dn or SDn to Qn or Qn
t
PHL
Propagation Delay
5.0
1.0
12.5
ns
C
Dn or SDn to Qn or Qn
Note 10: Voltage Range 5.0 is 5.0V ±0.5V
AC Operating Requirements
54ACT
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 11)
C
L = 50 pF
Guaranteed
Minimum
t
s
Setup Time, HIGH or LOW
5.0
2.5
ns
J
n or Kn to CPn
t
h
Hold Time, HIGH or LOW
5.0
2.0
ns
J
n or Kn to CPn
t
w
Pulse Width
5.0
5.0
ns
CP
n or CDn or SDn
t
rec
Recovery Time
5.0
0.5
ns
C
Dn or SDn to CPn
Note 11: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
35.0
pF
V
CC = 5.0V
Capacitance
www.national.com
6


Html Pages

1  2  3  4  5  6  7  8