Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPTIVA-OTS-ODLS-I-22GHZ Fiches technique(PDF) 1 Page - Emcore Corporation

No de pièce OPTIVA-OTS-ODLS-I-22GHZ
Description  Internal Fiber Delay Line System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMCORE [Emcore Corporation]
Site Internet  http://www.emcore.com
Logo EMCORE - Emcore Corporation

OPTIVA-OTS-ODLS-I-22GHZ Fiches technique(HTML) 1 Page - Emcore Corporation

  OPTIVA-OTS-ODLS-I-22GHZ Datasheet HTML 1Page - Emcore Corporation OPTIVA-OTS-ODLS-I-22GHZ Datasheet HTML 2Page - Emcore Corporation OPTIVA-OTS-ODLS-I-22GHZ Datasheet HTML 3Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MICROWAVE
DATASHEET | APRIL 2014
© 2014 EMCORE Corporation
| REV 2014.04
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
+1 626-293-3400
Applications
„
Radar System Testing
„
Phase Array Antennas
„
Signal Processing
„
Electronic Warfare (EW) Systems
Features
The Optiva OTS-ODLS, 22 GHz Internal Fiber Delay Line System is
designed for use with Optiva OTS-2 22 GHz transmitter, receiver,
optical switches, and EDFA’s. The optical switches allow for up to
four separate delays to be used with a maximum delay time of
40 µs. The system delivers unmatched performance for radar
testing, signal processing, phased array antennas and phase noise
testing with greater flexibility than traditional coax or waveguide
solutions.
EMCORE’s fiber optic delay lines provide bandwidth that is essentially indepen-
dent of fiber length, losses or delays, and triple transit signals that are immea-
surable. In addition to enhanced electrical performance, the delay lines provide
several mechanical advantages. EMCORE’s technology takes advantage of the
rigid yet flexible properties of fiber optic cable to provide repeatable enhanced
phase and group delay characteristics.
The Optiva OTS-ODLS provides convenient RF input/outputs to connect to the
OTS-2 RF transmitter and receiver. Internally, the RF signal is converted to an opti-
cal signal and transmitted over a fiber optic link to the receiver and provides the
required signal delay time. Delay length and link performance requirements can
be tailored over a range of performance levels to meet specific requirements. The
Optiva OTS-ODLS system allows for a long delay in a relatively compact package
with the superior temperature stability of fiber.
EMCORE’s Optiva OTS-ODLS 22 GHz internal fiber delay line system can be sup-
plied as a complete solution with all modules mounted in a 19” Optiva rack-
mount enclosure utilizing standard AC power. The Optiva OTS-ODLS family of
internal fiber delay lines also includes 18 GHz and 40 GHz frequency options and
external Optiva fiber delay line systems for greater delay lengths are available.
System Design
The Optiva platform includes a wide range fiber
optic transport solutions for satellite and microwave
communications applications including transparent inter- and intra-facility links,
video transport, antenna remoting, radar system testing, phased array antennas,
signal processing, electronic warfare systems and other high-dynamic-range
applications.
Optiva is a completely modular, hot-swappable platform with a variety of rack-
mount or compact tabletop, or wall-mountable enclosures are available. The 3
RU 19” rack-mount, fan-cooled enclosure (Model OT-CC-16F) for the OTS-ODLS
internal fiber delay line system can support up to 16 insert cards and utilizes two
dual-redundant, hot-swappable, 200 watt power supplies.
„
40 µsec Delays Max
„
Switching Option Available
„
Smaller Size and Less Weight - Conserve
Rack Space
„
0.05 - 22 GHz Bandwidth
„
Flat Phase Response
„
Minimal Triple-Transit Echoes
„
Low Link Loss Options
„
Low Temperature Sensitivity
„
Manually and/or Computer Controlled
Optiva OTS-ODLS 22 GHz, 40 µs max
Internal Fiber Delay Line System


Numéro de pièce similaire - OPTIVA-OTS-ODLS-I-22GHZ

FabricantNo de pièceFiches techniqueDescription
logo
Emcore Corporation
OPTIVA-OTS-ODLS-I-18GHZ EMCORE-OPTIVA-OTS-ODLS-I-18GHZ Datasheet
863Kb / 3P
   Internal Fiber Delay Line System
OPTIVA-OTS-ODLS-I-40GHZ EMCORE-OPTIVA-OTS-ODLS-I-40GHZ Datasheet
861Kb / 3P
   Internal Fiber Delay Line System
More results

Description similaire - OPTIVA-OTS-ODLS-I-22GHZ

FabricantNo de pièceFiches techniqueDescription
logo
Emcore Corporation
OPTIVA-OTS-ODLS-I-40GHZ EMCORE-OPTIVA-OTS-ODLS-I-40GHZ Datasheet
861Kb / 3P
   Internal Fiber Delay Line System
OPTIVA-OTS-ODLS-I-18GHZ EMCORE-OPTIVA-OTS-ODLS-I-18GHZ Datasheet
863Kb / 3P
   Internal Fiber Delay Line System
5021D-B11 EMCORE-5021D-B11 Datasheet
912Kb / 4P
   5021D-B11 7 GHz, 250 ns Max Internal Fiber Delay Line System
5021D-A11 EMCORE-5021D-A11 Datasheet
907Kb / 4P
   5021D-A11 3 GHz, 250 ns Max Internal Fiber Delay Line System
5021D-C11 EMCORE-5021D-C11 Datasheet
908Kb / 4P
   5021D-C11 13 GHz, 250 ns Max Internal Fiber Delay Line System
5021D-D11 EMCORE-5021D-D11 Datasheet
911Kb / 4P
   5021D-D11 18 GHz, 250 ns Max Internal Fiber Delay Line System
logo
Sanyo Semicon Device
LC89971 SANYO-LC89971 Datasheet
178Kb / 9P
   Multi-system CCD Delay Line?
logo
Emcore Corporation
5021D-B13 EMCORE-5021D-B13 Datasheet
830Kb / 4P
   5021D-B13 7 GHz, 35 us Max External Fiber Delay Line System
5021D-C13 EMCORE-5021D-C13 Datasheet
832Kb / 4P
   5021D-C13 13 GHz, 35 us Max External Fiber Delay Line System
5021D-D13 EMCORE-5021D-D13 Datasheet
837Kb / 4P
   5021D-D13 18 GHz, 35 us Max External Fiber Delay Line System
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com