Moteur de recherche de fiches techniques de composants électroniques |
|
54AC109L Fiches technique(PDF) 5 Page - National Semiconductor (TI) |
|
|
54AC109L Fiches technique(HTML) 5 Page - National Semiconductor (TI) |
5 / 8 page AC Electrical Characteristics 54AC V CC T A = −55˚C Fig. Symbol Parameter (V) to +125˚C Units No. (Note 8) C L = 50 pF Min Max f max Maximum Clock 3.3 65 MHz Frequency 5.0 95 t PLH Propagation Delay 3.3 1.0 17.5 ns CP n to Qn or Qn 5.0 1.0 12.0 t PHL Propagation Delay 3.3 1.0 13.5 ns CP n to Qn or Qn 5.0 1.0 10.0 t PLH Propagation Delay 3.3 1.0 13.0 ns C Dn or SDn to Qn or Qn 5.0 1.0 9.5 t PHL Propagation Delay 3.3 1.0 14.0 ns C Dn or SDn to Qn or Qn 5.0 1.0 10.5 Note 8: Voltage Range 3.3 is 3.3V ±0.3V Voltage Range 5.0 is 5.0V ±0.5V AC Operating Requirements 54AC V CC T A = −55˚C Fig. Symbol Parameter (V) to +125˚C Units No. (Note 9) C L = 50 pF Guaranteed Minimum t s Setup Time, HIGH or LOW 3.3 8.0 ns J n or Kn to CPn 5.0 5.5 t h Hold Time, HIGH or LOW 3.3 0 ns J n or Kn to CPn 5.0 0.5 t w Pulse Width 3.3 8.0 ns C Dn or SDn or CPn 5.0 5.5 t rec Recovery Time 3.3 0.5 ns C Dn or SDn to CPn 5.0 0.5 Note 9: Voltage Range 3.3 is 3.3V ±0.3V Voltage Range 5.0 is 5.0V ±0.5V 5 www.national.com |
Numéro de pièce similaire - 54AC109L |
|
Description similaire - 54AC109L |