Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM7332MA Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce LM7332MA
Description  Operational Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM7332MA Fiches technique(HTML) 2 Page - Texas Instruments

  LM7332MA Datasheet HTML 1Page - Texas Instruments LM7332MA Datasheet HTML 2Page - Texas Instruments LM7332MA Datasheet HTML 3Page - Texas Instruments LM7332MA Datasheet HTML 4Page - Texas Instruments LM7332MA Datasheet HTML 5Page - Texas Instruments LM7332MA Datasheet HTML 6Page - Texas Instruments LM7332MA Datasheet HTML 7Page - Texas Instruments LM7332MA Datasheet HTML 8Page - Texas Instruments LM7332MA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LM7332
SNOSAV4B – APRIL 2008 – REVISED JANUARY 2016
www.ti.com
Table of Contents
7.3
Feature Description................................................. 17
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 18
2
Applications ........................................................... 1
8
Application and Implementation ........................ 20
3
Description ............................................................. 1
8.1
Application Information............................................ 20
4
Revision History..................................................... 2
8.2
Typical Application ................................................. 20
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 22
6
Specifications......................................................... 4
10
Layout................................................................... 23
6.1
Absolute Maximum Ratings ..................................... 4
10.1
Layout Guidelines ................................................. 23
6.2
ESD Ratings.............................................................. 4
10.2
Layout Example .................................................... 23
6.3
Recommended Operating Conditions ....................... 4
10.3
Output Short Circuit Current and Dissipation
6.4
Thermal Information .................................................. 4
Issues....................................................................... 23
6.5
5-V Electrical Characteristics ................................... 5
11
Device and Documentation Support ................. 26
6.6
±5-V Electrical Characteristics ................................ 6
11.1
Community Resources.......................................... 26
6.7
±15-V Electrical Characteristics .............................. 7
11.2
Trademarks ........................................................... 26
6.8
Typical Characteristics .............................................. 9
11.3
Electrostatic Discharge Caution ............................ 26
7
Detailed Description ............................................ 17
11.4
Glossary ................................................................ 26
7.1
Overview ................................................................. 17
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 17
Information ........................................................... 26
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (March 2013) to Revision B
Page
Added Device Information, ESD Ratings and Thermal Information table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information section. ..... 1
Changes from Original (March 2013) to Revision A
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 20
2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: LM7332


Numéro de pièce similaire - LM7332MA

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM7332MA NSC-LM7332MA Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
LM7332MAX NSC-LM7332MAX Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
More results

Description similaire - LM7332MA

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com