Moteur de recherche de fiches techniques de composants électroniques |
|
TL064CNE4 Fiches technique(PDF) 6 Page - Texas Instruments |
|
TL064CNE4 Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 52 page TL061, TL061A, TL061B TL062, TL062A, TL062B, TL064, TL064A, TL064B SLOS078L – NOVEMBER 1978 – REVISED MAY 2015 www.ti.com 6.6 Thermal Information - 20 Pins TL06xx THERMAL METRIC(1) FK (LCCC) UNIT 20 PINS RθJA Junction-to-ambient thermal resistance(2)(3) — °C/W RθJC(top) Junction-to-case (top) thermal resistance(4)(5) 5.61 °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. (2) Maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/RθJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (3) The package thermal impedance is calculated in accordance with JESD 51-7. (4) Maximum power dissipation is a function of TJ(max), RθJC, and TC. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TC) / RθJC. Operating at the absolute maximum TJ of 150°C can affect reliability. (5) The package thermal impedance is calculated in accordance with MIL-STD-883. 6.7 Electrical Characteristics for TL06xC and TL06xxC VCC± = ±15 V (unless otherwise noted) TL061AC, TL062AC, TL061C, TL062C, TL064C TL064AC PARAMETER TEST CONDITIONS(1) UNIT MIN TYP MAX MIN TYP MAX TA = 25°C 3 15 3 6 VIO Input offset voltage VO = 0, RS = 50 Ω mV TA = Full range 20 7.5 Temperature coefficient αVIO VO = 0, RS = 50 Ω, TA = Full range 10 10 μV/°C of input offset voltage TA = 25°C 5 200 5 100 pA IIO Input offset current VO = 0 TA = Full range 5 3 nA TA = 25°C 30 400 30 200 pA IIB Input bias current(2) VO = 0 TA = Full range 10 7 nA –12 –12 Common-mode input VICR TA = 25°C ±11 to ±11 to V voltage range 15 15 RL = 10 kΩ, TA = 25°C ±10 ±13.5 ±10 ±13.5 Maximum peak output VOM V voltage swing RL ≥ 10 kΩ, TA = Full range ±10 ±10 TA = 25°C 3 6 4 6 Large-signal differential VO = ±10 V, AVD V/mV voltage amplification RL ≥ 2 kΩ TA = Full range 3 4 B1 Unity-gain bandwidth RL = 10 kΩ, TA = 25°C 1 1 MHz ri Input resistance TA = 25°C Ω 1012 1012 Common-mode VIC = VICRmin, CMRR 70 86 80 86 dB rejection ratio VO = 0, RS = 50 Ω, TA = 25°C Supply-voltage VCC = ±9 V to ±15 V, kSVR rejection ratio 70 95 80 95 dB VO = 0, RS = 50 Ω, TA = 25°C ( ΔVCC±/ΔVIO) Total power dissipation PD VO = 0, No load, TA = 25°C 6 7.5 6 7.5 mW (each amplifier) Supply current ICC VO = 0, No load, TA = 25°C 200 250 200 250 µA (each amplifier) VO1/VO2 Crosstalk attenuation AVD = 100, TA = 25°C 120 120 dB (1) All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified. Full range for TA is 0°C to 70°C for TL06xC, TL06xAC, and TL06xBC and –40°C to 85°C for TL06xI. (2) Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in Figure 12. Pulse techniques are used to maintain the junction temperature as close to the ambient temperature as possible. 6 Submit Documentation Feedback Copyright © 1978–2015, Texas Instruments Incorporated Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B |
Numéro de pièce similaire - TL064CNE4 |
|
Description similaire - TL064CNE4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |