Moteur de recherche de fiches techniques de composants électroniques |
|
TL082IDR Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
TL082IDR Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 50 page TL081, TL081A, TL081B, TL082, TL082A TL082B, TL084, TL084A, TL084B www.ti.com SLOS081I – FEBRUARY 1977 – REVISED MAY 2015 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT VCC+ 18 Supply voltage(2) V VCC– –18 VID Differential input voltage(3) ±30 V VI Input voltage(2)(4) ±15 V Duration of output short circuit(5) Unlimited Continuous total power dissipation See Dissipation Rating Table TL08_C TL08_AC 0 70 TL08_BC TA Operating free-air temperature °C TL08_I –40 85 TL084Q –40 125 TL08_M –55 125 Operating virtual junction temperature 150 °C TC Case temperature for 60 seconds FK package TL08_M 260 °C Lead temperature 1,6 mm (1/16 J or JG package TL08_M 300 °C inch) from case for 10 seconds Tstg Storage temperature –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC−. (3) Differential voltages are at IN+, with respect to IN −. (4) The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less. (5) The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded. 6.2 ESD Ratings VALUE UNIT Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) 1000 V(ESD) Electrostatic discharge V Charged-device model (CDM), per JEDEC specification JESD22- 1500 C101(2) (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC+ Supply voltage 5 15 V VCC– Supply voltage –5 –15 V VCM Common-mode voltage VCC– + 4 VCC+ – 4 V TL08xM –55 125 TL08xQ –40 125 TA Ambient temperature °C TL08xI –40 85 TL08xC 0 70 Copyright © 1977–2015, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: TL081 TL081A TL081B TL082 TL082A TL082B TL084 TL084A TL084B |
Numéro de pièce similaire - TL082IDR |
|
Description similaire - TL082IDR |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |