Moteur de recherche de fiches techniques de composants électroniques |
|
AD484M1644VTA-7I Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers |
|
AD484M1644VTA-7I Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 20 page Preliminary 4 64Mb SDRAM Ascend Semiconductor Corporation 54pin TSOP-II (400milx875mil) (0.8mm Pin pitch) Pin Assignment ( Top View ) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 VDD DQ0 VDDQ DQ1 DQ2 VSSQ DQ3 DQ4 VDDQ DQ5 DQ6 VSSQ DQ7 VDD LDQM /WE /CAS /RAS /CS BA0 BA1 A10/AP A0 A1 A2 A3 VDD VSS DQ15 VSSQ DQ14 DQ13 VDDQ DQ12 DQ11 VSSQ DQ10 DQ9 VDDQ DQ8 VSS NC UDQM CLK CKE NC A11 A9 A8 A7 A6 A5 A4 VSS 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 Ordering Information * Ascend Semiconductor reserves the right to change products or specification without notice. Note Low power Low power Low power Standard Standard Standard Power Industrial Range : -40℃ ~ 85℃ Industrial Range : -40℃ ~ 85℃ Industrial Range : -40℃ ~ 85℃ Industrial Range : -40℃ ~ 85℃ Industrial Range : -40℃ ~ 85℃ Industrial Range : -40℃ ~ 85℃ Operation Range 54pins, TSOPII 54pins, TSOPII 54pins, TSOPII 54pins, TSOPII 54pins, TSOPII 54pins, TSOPII Package 100MHz 125MHz 143MHz 100MHz 125MHz 143MHz Max Freg. AD484M1644VTA-10LI AD484M1644VTA-8LI AD484M1644VTA-7LI AD484M1644VTA-10I AD484M1644VTA-8I AD484M1644VTA-7I Part number |
Numéro de pièce similaire - AD484M1644VTA-7I |
|
Description similaire - AD484M1644VTA-7I |