Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD484M1644VTA-10I Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce AD484M1644VTA-10I
Description  Ascend Semiconductor Corporation(64Mb SDRAM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

AD484M1644VTA-10I Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AD484M1644VTA-10I Datasheet HTML 6Page - List of Unclassifed Manufacturers AD484M1644VTA-10I Datasheet HTML 7Page - List of Unclassifed Manufacturers AD484M1644VTA-10I Datasheet HTML 8Page - List of Unclassifed Manufacturers AD484M1644VTA-10I Datasheet HTML 9Page - List of Unclassifed Manufacturers AD484M1644VTA-10I Datasheet HTML 10Page - List of Unclassifed Manufacturers AD484M1644VTA-10I Datasheet HTML 11Page - List of Unclassifed Manufacturers AD484M1644VTA-10I Datasheet HTML 12Page - List of Unclassifed Manufacturers AD484M1644VTA-10I Datasheet HTML 13Page - List of Unclassifed Manufacturers AD484M1644VTA-10I Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Preliminary
10
64Mb SDRAM
Ascend Semiconductor Corporation
Command
Symbol
CKE
Ignore Command
DESL
No operation
NOP
Truth Table
1. Command Truth Table ( AD484M1644VTA )
H
H
X
n-1
n
/CS
H
L
X
/RAS
X
H
/CAS
X
H
/WE
X
H
BA0,
BA1
X
X
A10
X
X
A11,
A9~A0
X
X
Burst stop
BSTH
Read
READ
H
H
X
L
L
X
H
H
H
L
L
H
X
V
X
L
X
V
Read with auto pre-charge
READA
Write
WRIT
H
H
X
L
L
X
H
H
L
L
H
L
V
V
H
L
V
V
Write with auto pre-charge
WRITA
Bank activate
ACT
H
H
X
L
L
X
L
L
H
H
H
H
V
V
H
V
V
V
Pre-charge select bank
PRE
H
L
X
L
H
L
V
L
X
Pre-charge all banks
PALL
Mode register set
MRS
H
H
X
L
L
X
L
L
H
L
L
L
X
L
H
L
X
V
Note : H = High level, L = Low level, X = High or Low level (Don't care), V = Valid data input
Command
Symbol
CKE
Data write / output enable
ENB
Data mask / output disable
MASK
2. DQM Truth Table
H
H
X
n-1
n
/CS
H
L
X
Upper byte write enable / output enable
BSTH
Read
READ
H
H
X
L
L
X
Read with auto pre-charge
READA
Write
WRIT
H
H
X
L
L
X
Write with auto pre-charge
WRITA
Bank activate
ACT
H
H
X
L
L
X
Pre-charge select bank
PRE
H
L
X
Pre-charge all banks
PALL
Mode register set
MRS
H
H
X
L
L
X
Note : H = High level, L = Low level, X = High or Low level (Don't care), V = Valid data input
Command
Symbol
CKE
Activating
Any
3. CKE Truth Table
H
L
L
n-1
n
/CS
X
X
L
/RAS
X
X
/CAS
X
X
/WE
X
X
Addr.
X
X
Clock suspend
Idle
REF
L
H
H
X
L
H
X
L
X
L
X
H
X
X
Idle
SELF
Self refresh
H
L
L
L
L
H
L
H
L
H
H
H
X
X
Idle
Power down
H
L
L
X
X
H
X
X
X
X
X
X
X
X
Remark H = High level, L = Low level, X = High or Low level (Don't care)
Command
Clock suspend mode entry
Clock suspend mode
Clock suspend mode exit
CBR refresh command
Self refresh entry
Self refresh exit
Power down entry
Power down exit
L
H
H
X
X
X
X


Numéro de pièce similaire - AD484M1644VTA-10I

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD4858 AD-AD4858 Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
AD4858BBCZ AD-AD4858BBCZ Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
AD4858BBCZ-RL-13 AD-AD4858BBCZ-RL-13 Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
More results

Description similaire - AD484M1644VTA-10I

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
EM484M1644VTA-55L ETC1-EM484M1644VTA-55L Datasheet
741Kb / 18P
   64Mb SDRAM
EM482M3244VTA-5L ETC1-EM482M3244VTA-5L Datasheet
934Kb / 33P
   64Mb SDRAM
logo
Hynix Semiconductor
H5DU6462CTR-FAX HYNIX-H5DU6462CTR-FAX Datasheet
329Kb / 29P
   64Mb DDR SDRAM
logo
White Electronic Design...
W3DG648V-D1 WEDC-W3DG648V-D1 Datasheet
129Kb / 6P
   64MB - 2x4Mx64 SDRAM, UNBUFFERED
W3DG647V-D2 WEDC-W3DG647V-D2 Datasheet
81Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG648V-D2 WEDC-W3DG648V-D2 Datasheet
76Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG727V-D2 WEDC-W3DG727V-D2 Datasheet
121Kb / 5P
   64MB - 8Mx72 SDRAM UNBUFFERED
WED3DG649V-D1 WEDC-WED3DG649V-D1 Datasheet
105Kb / 6P
   64MB- 8Mx64 SDRAM, UNBUFFERED
logo
ADL Embedded Solutions
MSM586SL ADL-MSM586SL Datasheet
203Kb / 2P
   Soldered 32MB SDRAM (64MB)
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K Datasheet
327Kb / 14P
   64Mb K-die SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com