Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD484M1644VTA-10LI Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce AD484M1644VTA-10LI
Description  Ascend Semiconductor Corporation(64Mb SDRAM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

AD484M1644VTA-10LI Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  AD484M1644VTA-10LI Datasheet HTML 1Page - List of Unclassifed Manufacturers AD484M1644VTA-10LI Datasheet HTML 2Page - List of Unclassifed Manufacturers AD484M1644VTA-10LI Datasheet HTML 3Page - List of Unclassifed Manufacturers AD484M1644VTA-10LI Datasheet HTML 4Page - List of Unclassifed Manufacturers AD484M1644VTA-10LI Datasheet HTML 5Page - List of Unclassifed Manufacturers AD484M1644VTA-10LI Datasheet HTML 6Page - List of Unclassifed Manufacturers AD484M1644VTA-10LI Datasheet HTML 7Page - List of Unclassifed Manufacturers AD484M1644VTA-10LI Datasheet HTML 8Page - List of Unclassifed Manufacturers AD484M1644VTA-10LI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Preliminary
5
64Mb SDRAM
Ascend Semiconductor Corporation
Pin
Name
Pin Function
CLK
System Clock
Master Clock Input(Active on the Positive rising edge)
/CS
Chip select
Selects chip when active
CKE
Clock Enable
Activates the CLK when “H” and deactivates when “L”.
CKE should be enabled at least one cycle prior to new
command. Disable input buffers for power down in standby.
A0 ~ A11
Address
Row address (A0 to A11) is determined by A0 to A11 level
at the bank active command cycle CLK rising edge.
CA(CA0 to CA7) is determined by A0 to A7 level at the
read or write command cycle CLK rising edge.
And this column address becomes burst access start
address. A10 defines the pre-charge mode. When A10 = High
at the pre-charge command cycle, all banks are pre-charged.
But when A10 = Low at the pre-charge command cycle,
only the bank that is selected by BA0/BA1 is pre-charged.
/RAS
Row address strobe
Latches Row Addresses on the positive rising edge of the
CLK with /RAS “L”. Enables row access & pre-charge.
/CAS
Column address strobe
Latches Column Addresses on the positive rising edge of the
CLK with /CAS low. Enables column access.
/WE
Write Enable
Latches Column Addresses on the positive rising edge of the
CLK with /CAS low. Enables column access.
LDQM/ UDQM
Data input/output Mask
DQM controls I/O buffers.
DQ0 ~ 15
Data input/output
DQ pins have the same function as I/O pins on a conventional
DRAM.
VDD/VSS
Power supply/Ground
VDD and VSS are power supply pins for internal circuits.
Pin Descriptions ( Simplified )
BA0, BA1
Bank Address
Selects which bank is to be active.
NC
No connection
This pin is recommended to be left No Connection on the
device.
VDDQ/VSSQ
Power supply/Ground
VDDQ and VSSQ are power supply pins for the output buffers.


Numéro de pièce similaire - AD484M1644VTA-10LI

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD4858 AD-AD4858 Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
AD4858BBCZ AD-AD4858BBCZ Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
AD4858BBCZ-RL-13 AD-AD4858BBCZ-RL-13 Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
More results

Description similaire - AD484M1644VTA-10LI

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
EM484M1644VTA-55L ETC1-EM484M1644VTA-55L Datasheet
741Kb / 18P
   64Mb SDRAM
EM482M3244VTA-5L ETC1-EM482M3244VTA-5L Datasheet
934Kb / 33P
   64Mb SDRAM
logo
Hynix Semiconductor
H5DU6462CTR-FAX HYNIX-H5DU6462CTR-FAX Datasheet
329Kb / 29P
   64Mb DDR SDRAM
logo
White Electronic Design...
W3DG648V-D1 WEDC-W3DG648V-D1 Datasheet
129Kb / 6P
   64MB - 2x4Mx64 SDRAM, UNBUFFERED
W3DG647V-D2 WEDC-W3DG647V-D2 Datasheet
81Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG648V-D2 WEDC-W3DG648V-D2 Datasheet
76Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG727V-D2 WEDC-W3DG727V-D2 Datasheet
121Kb / 5P
   64MB - 8Mx72 SDRAM UNBUFFERED
WED3DG649V-D1 WEDC-WED3DG649V-D1 Datasheet
105Kb / 6P
   64MB- 8Mx64 SDRAM, UNBUFFERED
logo
ADL Embedded Solutions
MSM586SL ADL-MSM586SL Datasheet
203Kb / 2P
   Soldered 32MB SDRAM (64MB)
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K Datasheet
327Kb / 14P
   64Mb K-die SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com