Moteur de recherche de fiches techniques de composants électroniques |
|
AD484M1644VTA-7L Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers |
|
AD484M1644VTA-7L Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers |
9 / 20 page Preliminary 9 64Mb SDRAM Ascend Semiconductor Corporation A2 A1 A0 Interleave Addressing Burst Length X X 0 0 1 2 X X 1 1 0 X 0 0 0 1 2 3 4 X 0 1 1 0 3 2 X 1 0 2 3 0 1 X 1 1 3 2 1 0 0 0 0 0 1 2 3 4 5 6 7 8 0 0 1 1 0 3 2 5 4 7 6 Burst Type ( A3 ) Sequential Addressing 0 1 1 0 0 1 2 3 1 2 3 0 2 3 0 1 3 0 1 2 0 1 2 3 4 5 6 7 1 2 3 4 5 6 7 0 0 1 0 2 3 0 1 6 7 4 5 0 1 1 3 2 1 0 7 6 5 4 1 0 0 4 5 6 7 0 1 2 3 1 0 1 5 4 7 6 1 0 3 2 1 1 0 6 7 4 5 2 3 0 1 1 1 1 7 6 5 4 3 2 1 0 n n n - 2 3 4 5 6 7 0 1 3 4 5 6 7 0 1 2 4 5 6 7 0 1 2 3 5 6 7 0 1 2 3 4 6 7 0 1 2 3 4 5 7 0 1 2 3 4 5 6 Cn Cn+1 Cn+2 … ... Full Page * * Page length is a function of I/O organization and column addressing x32 (CA0 ~ CA7) : Full page = 256 bits |
Numéro de pièce similaire - AD484M1644VTA-7L |
|
Description similaire - AD484M1644VTA-7L |