Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD484M1644VTA-7L Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce AD484M1644VTA-7L
Description  Ascend Semiconductor Corporation(64Mb SDRAM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

AD484M1644VTA-7L Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  AD484M1644VTA-7L Datasheet HTML 1Page - List of Unclassifed Manufacturers AD484M1644VTA-7L Datasheet HTML 2Page - List of Unclassifed Manufacturers AD484M1644VTA-7L Datasheet HTML 3Page - List of Unclassifed Manufacturers AD484M1644VTA-7L Datasheet HTML 4Page - List of Unclassifed Manufacturers AD484M1644VTA-7L Datasheet HTML 5Page - List of Unclassifed Manufacturers AD484M1644VTA-7L Datasheet HTML 6Page - List of Unclassifed Manufacturers AD484M1644VTA-7L Datasheet HTML 7Page - List of Unclassifed Manufacturers AD484M1644VTA-7L Datasheet HTML 8Page - List of Unclassifed Manufacturers AD484M1644VTA-7L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Preliminary
4
64Mb SDRAM
Ascend Semiconductor Corporation
54pin TSOP-II
(400milx875mil)
(0.8mm Pin pitch)
Pin Assignment ( Top View )
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
VDD
LDQM
/WE
/CAS
/RAS
/CS
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
VSS
NC
UDQM
CLK
CKE
NC
A11
A9
A8
A7
A6
A5
A4
VSS
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
Ordering Information
* Ascend Semiconductor reserves the right to change products or specification without notice.
Note
Low power
Low power
Low power
Standard
Standard
Standard
Power
Industrial Range : -40℃ ~ 85℃
Industrial Range : -40℃ ~ 85℃
Industrial Range : -40℃ ~ 85℃
Industrial Range : -40℃ ~ 85℃
Industrial Range : -40℃ ~ 85℃
Industrial Range : -40℃ ~ 85℃
Operation Range
54pins,
TSOPII
54pins,
TSOPII
54pins,
TSOPII
54pins,
TSOPII
54pins,
TSOPII
54pins,
TSOPII
Package
100MHz
125MHz
143MHz
100MHz
125MHz
143MHz
Max
Freg.
AD484M1644VTA-10LI
AD484M1644VTA-8LI
AD484M1644VTA-7LI
AD484M1644VTA-10I
AD484M1644VTA-8I
AD484M1644VTA-7I
Part number


Numéro de pièce similaire - AD484M1644VTA-7L

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD4858 AD-AD4858 Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
AD4858BBCZ AD-AD4858BBCZ Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
AD4858BBCZ-RL-13 AD-AD4858BBCZ-RL-13 Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
More results

Description similaire - AD484M1644VTA-7L

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
EM484M1644VTA-55L ETC1-EM484M1644VTA-55L Datasheet
741Kb / 18P
   64Mb SDRAM
EM482M3244VTA-5L ETC1-EM482M3244VTA-5L Datasheet
934Kb / 33P
   64Mb SDRAM
logo
Hynix Semiconductor
H5DU6462CTR-FAX HYNIX-H5DU6462CTR-FAX Datasheet
329Kb / 29P
   64Mb DDR SDRAM
logo
White Electronic Design...
W3DG648V-D1 WEDC-W3DG648V-D1 Datasheet
129Kb / 6P
   64MB - 2x4Mx64 SDRAM, UNBUFFERED
W3DG647V-D2 WEDC-W3DG647V-D2 Datasheet
81Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG648V-D2 WEDC-W3DG648V-D2 Datasheet
76Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG727V-D2 WEDC-W3DG727V-D2 Datasheet
121Kb / 5P
   64MB - 8Mx72 SDRAM UNBUFFERED
WED3DG649V-D1 WEDC-WED3DG649V-D1 Datasheet
105Kb / 6P
   64MB- 8Mx64 SDRAM, UNBUFFERED
logo
ADL Embedded Solutions
MSM586SL ADL-MSM586SL Datasheet
203Kb / 2P
   Soldered 32MB SDRAM (64MB)
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K Datasheet
327Kb / 14P
   64Mb K-die SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com