Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SK0301 Datasheet(Fiches technique) 1 Page - Panasonic Semiconductor

Numéro de pièce 2SK0301
Description  Silicon N-Channel Junction FET
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK0301 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SK0301 Datasheet HTML 1Page - Panasonic Semiconductor 2SK0301 Datenblatt HTML 2Page - Panasonic Semiconductor 2SK0301 Datenblatt HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
247
Silicon Junction FETs (Small Signal)
unit: mm
2SK0301 (2SK301)
Silicon N-Channel Junction FET
For low-frequency amplification
For switching
I Features
G Low noies, high gain
G High gate to drain voltage V
GDO
I Absolute Maximum Ratings (Ta = 25°C)
Parameter
Drain to Source voltage
Gate to Drain voltage
Gate to Source voltage
Drain current
Gate current
Allowable power dissipation
Junction temperature
Storage temperature
Symbol
VDSX
VGDO
VGSO
ID
IG
PD
Tj
Tstg
Ratings
55
−55
−55
±30
10
250
125
−55 to +125
Unit
V
V
V
mA
mA
mW
°C
°C
I Electrical Characteristics (Ta = 25°C)
Parameter
Drain to Source cut-off current
Gate to Source leakage current
Gate to Drain voltage
Gate to Source cut-off voltage
Mutual conductance
Input capacitance (Common Source)
Reverse transfer capacitance (Common Source)
Noise figure
Symbol
IDSS*
IGSS
VGDC
VGSC
gm
Ciss
Crss
NF
Conditions
VDS = 10V, VGS = 0
VGS =
−30V, V
DS = 0
IG = −100µA, VDS = 0
VDS = 10V, ID = 10
µA
VDS = 10V, VGS = 0, f = 1kHz
VDS = 10V, VGS = 0, f = 1MHz
VDS = 10V, VGS = 0, Rg = 100k
f = 100Hz
min
1
−55
2.5
max
20
−10
−5
Unit
mA
nA
V
V
mS
pF
pF
dB
* IDSS rank classification
typ
−80
7.5
6.5
1.9
0.5
Runk
IDSS (mA)
P
1 to 3
Q
2 to 6.5
R
5 to 12
1: Drain
2: Gate
3: Source
JEDEC: TO-92
EIAJ: SC-43
TO-92 Type Package
5.0±0.2
4.0±0.2
0.45
+0.2
–0.1
0.45
+0.2
–0.1
1.27
1.27
2.54±0.15
2
13
S
10 to 20
Note) The part number in the parenthesis shows conventional part number.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
2SK187SILICON N-CHANNEL JUNCTION FET LOW FREQUECY LOW NOISE AMPLIFIER 1 2 3 4 Hitachi Semiconductor
2SK662Silicon N-Channel Junction FET 1 2 Panasonic Semiconductor
2SK663Silicon N-Channel Junction FET 1 2 Panasonic Semiconductor
2SK1070Silicon N-Channel Junction FET 1 2 3 4 5 Hitachi Semiconductor
2SK1860Silicon N-Channel Junction FET 1 2 3 Panasonic Semiconductor
2SK1103Silicon N-Channel Junction FET 1 2 Panasonic Semiconductor
2SK435Silicon N-Channel Junction FET 1 2 3 4 5 MoreHitachi Semiconductor
2SK1104Silicon N-Channel Junction FET 1 2 Panasonic Semiconductor
2SK168Silicon N-Channel Junction FET 1 2 3 4 5 MoreHitachi Semiconductor
2SK121Silicon N-Channel Junction FET 1 2 3 4 5 Sony Corporation