Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54ABT573 Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 54ABT573
Description  Octal D-Type Latch with TRI-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT573 Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  54ABT573 Datasheet HTML 1Page - National Semiconductor (TI) 54ABT573 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT573 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT573 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT573 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT573 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT573 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT573 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT573 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
Storage Temperature
−65˚C to +150˚C
Ambient Temperature under Bias
−55˚C to +125˚C
Junction Temperature under Bias
Ceramic
−55˚C to +175˚C
V
CC Pin Potential to
Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Any Output
in the Disabled or
Power-Off State
−0.5V to +5.5V
in the HIGH State
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
Twice the rated I
OL (mA)
DC Latchup Source Current
−500 mA
Over Voltage Latchup (I/O)
10V
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
−55˚C to +125˚C
Supply Voltage
Military
+4.5V to +5.5V
Minimum Input Edge Rate
(
∆V/∆t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Note 1: Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired. Functional operation under these
conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol
Parameter
ABT573
Units
VCC
Conditions
Min
Typ
Max
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH Voltage
54ABT
2.5
V
Min
IOH = −3 mA
54ABT
2.0
IOH = −24 mA
VOL
Output LOW Voltage
54ABT
0.55
V
Min
IOL = 48 mA
IIH
Input HIGH Current
5
µA
Max
VIN = 2.7V (Note 4)
5VIN = VCC
IBVI
Input HIGH Current
7
µA
Max
VIN = 7.0V
Breakdown Test
IIL
Input LOW Current
−5
µA
Max
VIN = 0.5V (Note 4)
−5
VIN = 0.0V
VID
Input Leakage Test
4.75
V
0.0
IID = 1.9 µA
All Other Pins Grounded
IOZH
Output Leakage Current
50
µA
0 − 5.5V
VOUT = 2.7V; OE = 2.0V
IOZL
Output Leakage Current
−50
µA
0 − 5.5V
VOUT = 0.5V; OE = 2.0V
IOS
Output Short-Circuit Current
−100
−275
mA
Max
VOUT = 0.0V
ICEX
Output High Leakage Current
50
µA
Max
VOUT = VCC
IZZ
Bus Drainage Test
100
µA
0.0
VOUT = 5.5V; All Others GND
ICCH
Power Supply Current
50
µA
Max
All Outputs HIGH
ICCL
Power Supply Current
30
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
50
µA
Max
OE = VCC
All Others at VCC or GND
ICCT
Additional ICC/Input
Outputs Enabled
2.5
mA
VI = VCC − 2.1V
Outputs TRI-STATE
2.5
mA
Max
Enable Input VI = VCC − 2.1V
Outputs TRI-STATE
2.5
mA
Data Input VI = VCC − 2.1V
All Others at VCC or GND
ICCD
Dynamic ICC
No Load
mA/
Max
Outputs Open
(Note 4)
0.12
MHz
OE = GND, LE = VCC (Note 3)
One Bit Toggling, 50% Duty Cycle
Note 3: For 8 bits toggling, ICCD < 0.8 mA/MHz.
Note 4: Guaranteed but not tested.
3
www.national.com


Numéro de pièce similaire - 54ABT573

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54ABT574 NSC-54ABT574 Datasheet
323Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT574E/883 NSC-54ABT574E/883 Datasheet
323Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT574J/883 NSC-54ABT574J/883 Datasheet
323Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT574W/883 NSC-54ABT574W/883 Datasheet
323Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
More results

Description similaire - 54ABT573

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54FCT573 NSC-54FCT573 Datasheet
148Kb / 7P
   Octal D-Type Latch with TRI-STATE Outputs
DM74LS563 NSC-DM74LS563 Datasheet
79Kb / 3P
   OCTAL D-TYPE LATCH WITH TRI-STATE OUTPUTS
54F573DM NSC-54F573DM Datasheet
166Kb / 8P
   Octal D-Type Latch with TRI-STATE Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
   Octal D-Type Transparent Latch with TRI-STATE Outputs
54ACT563 NSC-54ACT563 Datasheet
159Kb / 6P
   Octal Latch with TRI-STATE Outputs
54ACT573 NSC-54ACT573 Datasheet
159Kb / 10P
   Octal Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACT573 TI1-54ACT573_13 Datasheet
138Kb / 6P
[Old version datasheet]   Octal Latch with Tri-State Outputs
logo
National Semiconductor ...
MM54HC533 NSC-MM54HC533 Datasheet
101Kb / 4P
   TRI-STATE-R Octal D-Type Latch with Inverted Outputs
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com