Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM324AM Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM324AM
Description  Low-Power, Quad-Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM324AM Fiches technique(HTML) 1 Page - Texas Instruments

  LM324AM Datasheet HTML 1Page - Texas Instruments LM324AM Datasheet HTML 2Page - Texas Instruments LM324AM Datasheet HTML 3Page - Texas Instruments LM324AM Datasheet HTML 4Page - Texas Instruments LM324AM Datasheet HTML 5Page - Texas Instruments LM324AM Datasheet HTML 6Page - Texas Instruments LM324AM Datasheet HTML 7Page - Texas Instruments LM324AM Datasheet HTML 8Page - Texas Instruments LM324AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM124-N, LM224-N
LM2902-N, LM324-N
SNOSC16D – MARCH 2000 – REVISED JANUARY 2015
LMx24-N, LM2902-N Low-Power, Quad-Operational Amplifiers
1 Features
3 Description
The LM124-N series consists of four independent,
1
Internally Frequency Compensated for Unity Gain
high-gain,
internally
frequency
compensated
Large DC Voltage Gain 100 dB
operational amplifiers designed to operate from a
Wide Bandwidth (Unity Gain) 1 MHz
single power supply over a wide range of voltages.
(Temperature Compensated)
Operation from split-power supplies is also possible
and
the
low-power
supply
current
drain
is
Wide Power Supply Range:
independent of the magnitude of the power supply
Single Supply 3 V to 32 V
voltage.
or Dual Supplies ±1.5 V to ±16 V
Application areas include transducer amplifiers, DC
Very Low Supply Current Drain (700
μA)
gain blocks and all the conventional op amp circuits
—Essentially Independent of Supply Voltage
which now can be more easily implemented in single
Low Input Biasing Current 45 nA
power supply systems. For example, the LM124-N
series can directly operate off of the standard 5-V
(Temperature Compensated)
power supply voltage which is used in digital systems
Low Input Offset Voltage 2 mV
and easily provides the required interface electronics
and Offset Current: 5 nA
without requiring the additional ±15 V power supplies.
Input Common-Mode Voltage Range Includes
Ground
Device Information(1)
Differential Input Voltage Range Equal to the
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Power Supply Voltage
LM124-N
CDIP (14)
19.56 mm × 6.67 mm
Large Output Voltage Swing 0 V to V+
− 1.5 V
LM224-N
CDIP (14)
19.56 mm × 6.67 mm
Advantages:
PDIP (14)
19.177 mm × 6.35 mm
Eliminates Need for Dual Supplies
LM324-N
SOIC (14)
8.65 mm × 3.91 mm
Four Internally Compensated Op Amps in a
TSSOP (14)
5.00 mm × 4.40 mm
Single Package
PDIP (14)
19.177 mm × 6.35 mm
Allows Direct Sensing Near GND and VOUT
LM2902-N
SOIC (14)
8.65 mm × 3.91 mm
also Goes to GND
TSSOP (14)
5.00 mm × 4.40 mm
Compatible With All Forms of Logic
(1) For all available packages, see the orderable addendum at
Power Drain Suitable for Battery Operation
the end of the datasheet.
In the Linear Mode the Input Common-Mode,
Voltage Range Includes Ground and the
Schematic Diagram
Output Voltage
Can Swing to Ground, Even Though Operated
from Only a Single Power Supply Voltage
Unity Gain Cross Frequency is Temperature
Compensated
Input Bias Current is Also Temperature
Compensated
2 Applications
Transducer Amplifiers
DC Gain Blocks
Conventional Op Amp Circuits
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - LM324AM

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
LM324AM FAIRCHILD-LM324AM Datasheet
139Kb / 12P
   Quad Operational Amplifier
2002 Rev. 1.0.4
logo
National Semiconductor ...
LM324AM NSC-LM324AM Datasheet
469Kb / 20P
   Low Power Quad Operational Amplifiers
August 2000
logo
Texas Instruments
LM324AM TI1-LM324AM Datasheet
1Mb / 31P
[Old version datasheet]   LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
LM324AM TI-LM324AM Datasheet
1Mb / 31P
[Old version datasheet]   LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
logo
National Semiconductor ...
LM324AM NSC-LM324AM Datasheet
1Mb / 31P
   LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
More results

Description similaire - LM324AM

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com