Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF412ACN Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce LF412ACN
Description  Low Drift Dual JFET Input Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LF412ACN Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LF412ACN Datasheet HTML 2Page - Texas Instruments LF412ACN Datasheet HTML 3Page - Texas Instruments LF412ACN Datasheet HTML 4Page - Texas Instruments LF412ACN Datasheet HTML 5Page - Texas Instruments LF412ACN Datasheet HTML 6Page - Texas Instruments LF412ACN Datasheet HTML 7Page - Texas Instruments LF412ACN Datasheet HTML 8Page - Texas Instruments LF412ACN Datasheet HTML 9Page - Texas Instruments LF412ACN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LF412-N
SNOSBH7F – APRIL 1999 – REVISED SEPTEMBER 2014
www.ti.com
AC Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
LF412A(1)
LF412(1)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
SR
Slew Rate
VS=±15V, TA=25°C
10
15
8
15
V/
μs
GBW
Gain-Bandwidth Product
VS=±15V, TA=25°C
3
4
2.7
4
MHz
AV=+10, RL=10k,
THD
Total Harmonic Dist
VO=20 Vp-p,
≤0.02%
≤0.02%
BW=20 Hz-20 kHz
Equivalent Input
TA=25°C, RS=100Ω,
nV /
en
25
25
Noise Voltage
f=1 kHz
√Hz
Equivalent Input
pA /
in
TA=25°C, f=1 kHz
0.01
0.01
Noise Current
√Hz
6
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LF412-N


Numéro de pièce similaire - LF412ACN

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LF412ACN NSC-LF412ACN Datasheet
565Kb / 13P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF412ACN TI1-LF412ACN Datasheet
1Mb / 16P
[Old version datasheet]   LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Linear Dimensions Semic...
LF412ACN8 LINEAR_DIMENSIONS-LF412ACN8 Datasheet
492Kb / 4P
   Dual Precision JFET Input Operatinoal Amplifiers
More results

Description similaire - LF412ACN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LF412JAN TI1-LF412JAN_13 Datasheet
3Mb / 17P
[Old version datasheet]   Low Drift Dual JFET Input Operational Amplifier
logo
National Semiconductor ...
LF412 NSC-LF412 Datasheet
565Kb / 13P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
New Japan Radio
NJM2749 NJRC-NJM2749 Datasheet
606Kb / 12P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
Ver.2017-07-31
logo
Texas Instruments
LF412-N-MIL TI1-LF412-N-MIL Datasheet
3Mb / 22P
[Old version datasheet]   Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412-N TI-LF412-N Datasheet
3Mb / 17P
[Old version datasheet]   LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412JAN TI1-LF412JAN Datasheet
1Mb / 16P
[Old version datasheet]   LF412JAN Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412QML TI1-LF412QML Datasheet
1Mb / 18P
[Old version datasheet]   LF412QML Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412 TI1-LF412 Datasheet
1Mb / 16P
[Old version datasheet]   LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com