Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4-1TG2 Fiches technique(PDF) 6 Page - Integrated Device Technology

No de pièce TC4-1TG2
Description  Intermediate Frequency Digital Variable Gain Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

TC4-1TG2 Fiches technique(HTML) 6 Page - Integrated Device Technology

Back Button TC4-1TG2 Datasheet HTML 2Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 3Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 4Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 5Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 6Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 7Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 8Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 9Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Intermediate Frequency Digital Variable Gain Amplifier
IDTF1200
RevO
Page 6 of 13
April, 2011
DATASHEET
TOCS CONTINUED
DNL vs. Frequency (1dB Steps)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
30 MHz
50 MHz
80 MHz
100 MHz
120 MHz
DNL vs. Temperature (100 MHz, 1dB Steps)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
85C
25C
-40C
DNL vs. Temperature (100 MHz, 0.25dB Steps)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
85C
25C
-40C
DNL vs. Voltage (100 MHz, 1dB Steps)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
4.75V
5.00V
5.25V
DNL vs. Temperature (100 MHz, 0.5dB Steps)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
85C
25C
-40C
INL vs. Frequency
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
50 MHz
100 MHz
120 MHz


Numéro de pièce similaire - TC4-1TG2

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
TC4-1TG2 IDT-TC4-1TG2 Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
TC4-1TG2 IDT-TC4-1TG2 Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
TC4-1TG2 IDT-TC4-1TG2 Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
TC4-1TG2 IDT-TC4-1TG2 Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
logo
Mini-Circuits
TC4-1TG2 MINI-TC4-1TG2 Datasheet
227Kb / 1P
   RF Transformer
More results

Description similaire - TC4-1TG2

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
IDTF1200 RENESAS-IDTF1200 Datasheet
2Mb / 14P
   Intermediate Frequency Digital Variable Gain Amplifier
logo
Integrated Device Techn...
IDTF1240NBGI IDT-IDTF1240NBGI Datasheet
1Mb / 23P
   Dual Intermediate Frequency Digital Variable Gain Amplifier
logo
BeRex Corporation
BVA303B BEREX-BVA303B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA304B BEREX-BVA304B Datasheet
1Mb / 20P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA305 BEREX-BVA305_18 Datasheet
1Mb / 16P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA305B BEREX-BVA305B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA303 BEREX-BVA303_18 Datasheet
1Mb / 16P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA304 BEREX-BVA304_18 Datasheet
5Mb / 29P
   DIGITAL VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com