Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11867FV-MPB-E Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce LB11867FV-MPB-E
Description  Variable Speed Single-phase Full-wave Pre-driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11867FV-MPB-E Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button LB11867FV-MPB-E Datasheet HTML 3Page - ON Semiconductor LB11867FV-MPB-E Datasheet HTML 4Page - ON Semiconductor LB11867FV-MPB-E Datasheet HTML 5Page - ON Semiconductor LB11867FV-MPB-E Datasheet HTML 6Page - ON Semiconductor LB11867FV-MPB-E Datasheet HTML 7Page - ON Semiconductor LB11867FV-MPB-E Datasheet HTML 8Page - ON Semiconductor LB11867FV-MPB-E Datasheet HTML 9Page - ON Semiconductor LB11867FV-MPB-E Datasheet HTML 10Page - ON Semiconductor LB11867FV-MPB-E Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LB11867FV
www.onsemi.com
9
Control timing chart
(Speed control)
(1) Minimum speed setting (stop) mode
The low-speed fan rotation occurs at the minimum speed set with the RMI pin. When the minimum speed is not set
(RMI pin pulled up to 5VREG), the motor stops.
(2) Low speed
high speed
PMW control is made by comparing the CPWM oscillation voltage (1.1V
3.0V) and VTH voltage.
Both upper and lower output TRs are turned ON when the VTH voltage is low. The upper output TR is turned OFF
when the VTH voltage is high, regenerating the coil current in the lower TR. Therefore, as the VTH voltage decreases,
the output ON-DUTY increases, causing increase in the coil current, raising the motor rotation speed.
The rotation speed can be monitored with the FG output.
(3) Full speed mode
The full speed mode becomes effective when the VTH voltage is 1.1V or less. (Set VTH = GND when the speed
control is not to be made.)
0V
3.0V
1.1V
CPWM
f=30kHz (CP=220pF)
0%
100%
FG
ONDUTY
VTH voltage
RMI voltage
Minimum speed
setting rotation
(stop mode)
Low speed
High speed
PWM control speed variable
Full speed


Numéro de pièce similaire - LB11867FV-MPB-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LB11867FV-MPB-E ONSEMI-LB11867FV-MPB-E Datasheet
263Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
More results

Description similaire - LB11867FV-MPB-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LB11867RV ONSEMI-LB11867RV Datasheet
202Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11868V ONSEMI-LB11868V Datasheet
195Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
May, 2013
logo
Unisonic Technologies
F2867 UTC-F2867 Datasheet
196Kb / 6P
   VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV Datasheet
440Kb / 9P
   Variable Speed Single-phase Full-wave Pre-driver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com