Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11899J-TRM-E Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce LB11899J-TRM-E
Description  Three-in-One Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11899J-TRM-E Fiches technique(HTML) 3 Page - ON Semiconductor

  LB11899J-TRM-E Datasheet HTML 1Page - ON Semiconductor LB11899J-TRM-E Datasheet HTML 2Page - ON Semiconductor LB11899J-TRM-E Datasheet HTML 3Page - ON Semiconductor LB11899J-TRM-E Datasheet HTML 4Page - ON Semiconductor LB11899J-TRM-E Datasheet HTML 5Page - ON Semiconductor LB11899J-TRM-E Datasheet HTML 6Page - ON Semiconductor LB11899J-TRM-E Datasheet HTML 7Page - ON Semiconductor LB11899J-TRM-E Datasheet HTML 8Page - ON Semiconductor LB11899J-TRM-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LB11899J
No.A2229-3/16
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
Max
F/R reverse voltage
VRW
0
1
V
F/R input current
IFR
FRC = 3V
100
200
μA
FG amplifier reference voltage
VFGR
2.40
2.50
2.60
V
Linear amplifier gain DC
36kHz
GDC
29.5
31.1
32.7
times
G36
20.0
25.0
30.0
times
Hysteresis amplifier output voltage
VHO
IHO = 4mA
0.2
0.4
V
Hysteresis of hysteresis amplifier
VHS
Both hysteresis
56
72
86
mV
Hysteresis amplifier output duty ratio
FGDT
360Hz Fgin = 40mVp-p
49
50
51
%
PWM carrier frequency
FOSC
CPWM = 680pF
18.5
21.7
25.0
kHz
Over voltage protection current
IPROTC
VCC=0V
1
mA
MGND –SGND Resistance
RMSUB
10
30
Ω
Internal current limiter setup voltage
CLIM
RS = 100
Ω
0.58
0.63
0.68
V
Drum Motor Unit
at Ta = 25
°C, VCC = 5V, DVCO = 12V
Output saturation voltage 2
DVSAT
IO=0.5A, Source+Sink
1.8
2.6
V
DCTL input voltage range
VDCTL
0
VREG
V
DCTL input current
IDCTL
DCTL = 3V
0.5
μA
DCTL control start voltage
ODCTL
VDRS
≥ 10mV
2.40
2.50
2.60
V
DCTL gain
GDCTL
DRS=0.5
Ω,
0.40
0.50
0.60
V/V
PCOUT output current 1
IPCOU
Source side
20
45
μA
PCOUT output current 2
IPCOD
Sink side
20
45
μA
VCOIN input current
IVCOIN
VCOIN = 3V, sink current
1
μA
Minimum VCO frequency
FVCO min
CX = 0.022
μF, VCOINN = Open
330
410
500
Hz
Maximum VCO frequency
FVCO max
CX = 0.022
μF, VCOIN = 5V
15.0
18.0
21.0
kHz
C1/C2 source current ratio
RSOURCE
1-(IC1SOURCE/IC2SOURCE)
-12
0
12
%
C1/C2 sink current ratio
RSINK
1-(IC1SINK/IC2SINK)
-12
0
12
%
C1 source/sink current ratio
RC1
IC1SOURCE/IC1SINK
40
50
60
%
C2 source/sink current ratio
RC2
IC2SOURCE/IC2SINK
40
50
60
%
FGO output high level voltage
VFGH
4.7
V
FGO output low level voltage
VFGL
0.4
V
PG amplifier reference voltage
VPGREF
2.8
3.0
3.2
V
PG amplifier input offset
OPG
-4
+4
mV
PG amplifier input bias
IPG
PG- = 2.5V, source current
0.25
μA
Linear amplifier gain
GAMP
Freq = 1kHz
50
dB
Hysteresis amplifier threshold level 1
VHYS1
70
100
130
mV
Hysteresis amplifier threshold level 2
VHYS2
140
200
260
mV
PG output high level voltage
VPH
4.7
V
PG output low level voltage
VPL
0.2
V
FG/PG mix MID voltage
Vmid
2.4
2.5
2.6
V
Over voltage protection current
IPROTD
VCC=0V
1
mA
Internal current limiter setup voltage
DILM
RS = 100
Ω
0.30
0.33
0.37
V
Loading Unit
at Ta = 25
°C, VCC = 5V, LVCO = 12V
Input voltage
1 (HIGH)
VINH
4
5
V
2 (Middle)
VINM
2
3
V
3 (LOW)
VINL
0
1
V
Input current
ILIN0
LIN = 0V, source side
130
200
μA
ILIN5
LIN = 5V, sink side
130
200
μA
Continued on next page.


Numéro de pièce similaire - LB11899J-TRM-E

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
LB11815AG-15-AA3 UTC-LB11815AG-15-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TA3 UTC-LB11815AG-15-TA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TN3 UTC-LB11815AG-15-TN3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TQ2 UTC-LB11815AG-15-TQ2 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-18-AA3 UTC-LB11815AG-18-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
More results

Description similaire - LB11899J-TRM-E

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SA56202 PHILIPS-SA56202 Datasheet
117Kb / 24P
   One-chip motor driver
Rev. 01-19 July 2004
logo
STMicroelectronics
L634 STMICROELECTRONICS-L634 Datasheet
469Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234 STMICROELECTRONICS-L6234 Datasheet
116Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
510Kb / 16P
   Three phase motor driver
L6234 STMICROELECTRONICS-L6234_V01 Datasheet
494Kb / 16P
   Three phase motor driver
Rev 10
logo
Sanyo Semicon Device
LB1988N SANYO-LB1988N Datasheet
92Kb / 9P
   Three-Phase Sensorless Motor Driver Loading Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2182 AMTEK-AM2182 Datasheet
370Kb / 12P
   One Channel Reversible Motor Driver
Mar, 2014 V1.1
logo
Sanyo Semicon Device
LB11880 SANYO-LB11880 Datasheet
91Kb / 9P
   Three-Phase Sensorless Motor Driver with Loading Motor Driver
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com