Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCC-106 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce TCC-106
Description  Six-Output PTIC Control IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCC-106 Fiches technique(HTML) 4 Page - ON Semiconductor

  TCC-106 Datasheet HTML 1Page - ON Semiconductor TCC-106 Datasheet HTML 2Page - ON Semiconductor TCC-106 Datasheet HTML 3Page - ON Semiconductor TCC-106 Datasheet HTML 4Page - ON Semiconductor TCC-106 Datasheet HTML 5Page - ON Semiconductor TCC-106 Datasheet HTML 6Page - ON Semiconductor TCC-106 Datasheet HTML 7Page - ON Semiconductor TCC-106 Datasheet HTML 8Page - ON Semiconductor TCC-106 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TCC−106
www.onsemi.com
4
Table 3. RECOMENDED OPERATING CONDITIONS
Symbol
Parameter
Rating
Unit
Min
Typ
Max
TAMB_OP
Operating Ambient Temperature
−30
+85
°C
TJ_OP
Operating Junction Temperature
−30
+125
°C
AVDD
Analog Supply Voltage
2.3
5.5
V
VIO
IO Reference Supply Voltage
1.1
3.0
V
Table 4. DC CHARACTERISTICS (TA = −30 to +85°C; VOUTX = 15 V for each output; 2.3 V<AVDD< 5.5 V; 1.1 V<VIO<3.0 V; RLOAD
= equivalent series load of 5.6 kohm and 2.7 nF; CHV = 22 nF; LBOOST = 15 mH; TRIG pin grounded; unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Unit
Comment
SHUTDOWN MODE
IAVDD
AVDD Supply Current
1.5
mA
VIO Supply is Low
IL_BOOST
L_BOOST Leakage
1.5
IBATT
Battery Current
2.5
IVIO
VIO Supply Current
−1
1
ICLK
CLK Leakage
−1
1
IDATA
DATA Leakage
−1
1
ACTIVE MODE
IBATT
Average battery current, 3 outputs act-
ively switching 16 V for 1205
ms to 2 V
for 1705
ms to 8 V for 1705 ms and 3
outputs are @ 16 V steady state
1,760
2,350
mA
At VHV = 20 V
AVDD = 3.3 V
IBATT_SS0
Average battery current, 6 outputs @
0 V steady state
800
1,130
At VHV = 20 V
AVDD = 3.3 V
IBAT_SS2
Average battery current, 6 outputs @
2 V steady state
850
1,200
mA
At VHV = 20 V
AVDD = 3.3 V
IBATT_SS16
Average battery current, 6 outputs @
16 V steady state
1,190
1,560
At VHV = 20 V
AVDD = 3.3 V
IL_BOOST
Average inductor current, 3 outputs ac-
tively switching 16 V for 1205
ms to 2 V
for 1705
ms to 8 V for 1705 ms and 3
outputs are @ 16 V steady state
1,480
2,050
At VHV = 20 V
AVDD = 3.3 V
IL_BOOST_SS0
Average inductor current, 6 outputs @
0 V steady state
500
790
At VHV = 20 V
AVDD = 3.3 V
IL_BOOST_SS2
Average inductor current, 6 outputs @
2 V steady state
560
850
At VHV = 20 V
AVDD = 3.3 V
IL_BOOST_SS16
Average inductor current, 6 outputs @
16 V steady state
930
1,270
At VHV = 20 V
AVDD = 3.3 V
IVIO_INACT
VIO average inactive current
3
VIO is high, no bus activity
IVIO_ACTIVE
VIO average active current
250
VIO = 1.8 V, master sending
data at 26 MHz
VVREG
2.05
2.3
V
No external load allowed
LOW POWER MODE
IAVDD
AVDD Supply Current
8
mA
IL_BOOST
L_BOOST Leakage
6
IBATT
Battery Current
14
IAVDD + IL_BOOST
IVIO
VIO Supply Current
3
No bus activity
VVREG
2.0
3.3
V
No external load allowed


Numéro de pièce similaire - TCC-106

FabricantNo de pièceFiches techniqueDescription
logo
Moxa Inc.
TCC-100 MOXA-TCC-100 Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100-T MOXA-TCC-100-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I MOXA-TCC-100I Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
TCC-100I-T MOXA-TCC-100I-T Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
logo
ON Semiconductor
TCC-103 ONSEMI-TCC-103 Datasheet
539Kb / 29P
   PTIC Control IC
February, 2013 ??Rev. 0
More results

Description similaire - TCC-106

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
TCC-206 ONSEMI-TCC-206 Datasheet
559Kb / 33P
   Six-Output PTIC Control IC
November, 2015 ??Rev. 1
TCC-226 ONSEMI-TCC-226 Datasheet
960Kb / 33P
   Six-Output PTIC Control IC
June, 2016 ??Rev. 0
TCC-303 ONSEMI-TCC-303 Datasheet
583Kb / 32P
   Three-Output PTIC Control IC
September, 2019 ??Rev. 5
TCC-303-D ONSEMI-TCC-303-D Datasheet
609Kb / 32P
   Three-Output PTIC Control IC
September, 2017 ??Rev. 4
TCC-404 ONSEMI-TCC-404 Datasheet
511Kb / 40P
   Four-Output PTIC Control IC
September, 2019 ??Rev. 1
TCC-202 ONSEMI-TCC-202 Datasheet
447Kb / 23P
   Two-Output PTIC Control IC
November, 2015 ??Rev. 2
TCC-103 ONSEMI-TCC-103 Datasheet
539Kb / 29P
   PTIC Control IC
February, 2013 ??Rev. 0
logo
Shenzhen Huazhimei Semi...
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
   Six touch six output IC
HM226S HMSEMI-HM226S Datasheet
563Kb / 7P
   Six touch six output IC
logo
International Rectifier
IR3523 IRF-IR3523 Datasheet
547Kb / 37P
   XPHASE3TM DUAL OUTPUT CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com