Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11870 Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce LB11870
Description  Three-Phase Brushless Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11870 Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button LB11870 Datasheet HTML 6Page - ON Semiconductor LB11870 Datasheet HTML 7Page - ON Semiconductor LB11870 Datasheet HTML 8Page - ON Semiconductor LB11870 Datasheet HTML 9Page - ON Semiconductor LB11870 Datasheet HTML 10Page - ON Semiconductor LB11870 Datasheet HTML 11Page - ON Semiconductor LB11870 Datasheet HTML 12Page - ON Semiconductor LB11870 Datasheet HTML 13Page - ON Semiconductor LB11870 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LB11870
No.7256-10/14
Continued from preceding page.
Pin No.
Symbol
Pin Description
Equivalent Circuit
32
S/S
Start/stop control input.
Low: 0 to 1.5V
High: 3.5V to VREG
Hysteresis: 0.5V
Low: start.
This pin goes to the high level when open.
33
CLK
Clock input.
Low: 0 to 1.5V
High: 3.5V to VREG
Hysteresis: 0.5V
fCLK = 10kHz (maximum)
If noise is a problem, use a capacitor to remove
that noise at this input.
34
BRSEL
Deceleration switching control input.
Low: 0 to 1.5V
High: 3.5V to VREG
This pin goes to the high level when open.
Low: reverse torque control, High: free running.
An external Schottky barrier diode is required
on the output low side if reverse torque control
is used.
35
PH
RF waveform smoothing.
If noise on the RF waveform is a problem,
insert a capacitor between this pin and ground.
Continued on next page.
VREG
2k
Ω
32
VREG
2k
Ω
33
VREG
2k
Ω
34
VREG
500
Ω
35


Numéro de pièce similaire - LB11870

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11870 SANYO-LB11870 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
More results

Description similaire - LB11870

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com