Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK2400 Fiches technique(PDF) 9 Page - Asahi Kasei Microsystems

No de pièce AK2400
Description  High integrated receiver for PMR-LMR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2400 Fiches technique(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK2400 Datasheet HTML 5Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 6Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 7Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 8Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 9Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 10Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 11Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 12Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
[AK2400]
014008989-E-01
9
2015/4
Digital AC Timing
1) Serial Interface Timing
AK2400 is connected to a CPU by three-wired interface through CSN, SCLK, SDATAIN and SDATAOUT
pins, which can make reading and writing data for control registers.
Serial data named SDATAIN is consist of 1-bit read and write instruction(R/W), 5-bit address (A4 to A0) and
18-bit data(D17 to D0) in one frame.
Write mode
Read mode
Figure 3
Serial Interface Timing
R/W
: Instruction bit controls to write data to AK2400 or read back from it.
When set to low, AK2400 is in write mode. When set to high, AK2400 is in read mode.
A4 to A0 : Register address to be accessed.
D17 to D0 : Write or read date to be accessed.
<1>
CSN(Chip select) is normally selected high for disable.
When CSN is set to low, serial interface becomes active.
<2>
In write mode, instruction, address and data input from SDATAIN pin are synchronized and
latched with the rising edge of 24 iterations of SCLK clock. Set to low between address A0
and data D17.Input data is fixed synchronized with the rising edge of 24th clock. Note that if
CSN become “H” before 24th clock, setting data becomes invalid. During the period when
CSN is set to “L”, consecutive writing is available.
<3>
In read mode, instruction and address are synchronized and latched with the rising edge of
6 iterations of SCLK clock. And the register data are output from SDATAIN pin synchronized
with the falling edge of 18 iterations of SCLK clock.
CSN to “H” once reading is completed because consecutive reading is not valid.
Also, in read mode DETO/SDATAOUT pin should be set to SDATAOUT by
{SDATAOUT_OE
}=”1”.
CSN
SCLK
t
CSS
t
WH
t
WL
t
DH
t
DS
A4
A3
A2
A0
D16
D15
D0
D1
t
CSLH
t
CSHH
D17
R/W
SDATAIN
(Input)
CSN
SCLK
SDATAIN
(Input)
t
CSS
t
WH
t
WL
R/W
A4
A3
A2
A0
SDATAOUT
(Output)
t
CSLH
D16
D15
D0
D1
D17
t
DD


Numéro de pièce similaire - AK2400

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK2401 AKM-AK2401 Datasheet
2Mb / 103P
   Direct Conversion Transceiver
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
   Direct Conversion Transceiver
More results

Description similaire - AK2400

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Crystal Techno...
ACTF410A ACT-ACTF410A Datasheet
96Kb / 3P
   Mobile Radio - FRS & PMR
SEPT 04
logo
Delta Electronics, Inc.
PMR-5V320WDXA DELTA-PMR-5V320WDXA Datasheet
1Mb / 13P
   PMR Panel Mount Power Supply
logo
NTE Electronics
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
   Integrated Circuit IF System for FM Receiver
NTE15003 NTE-NTE15003 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
NTE1775 NTE-NTE1775 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
Exar Corporation
XRT7295E EXAR-XRT7295E Datasheet
1Mb / 16P
   INTEGRATED LINE RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
Advanced Crystal Techno...
ACTF410B ACT-ACTF410B Datasheet
96Kb / 3P
   FRS & PMR mobile radio applications
SEPT 04
logo
Delta Electronics, Inc.
PMR-5V320WCXA DELTA-PMR-5V320WCXA Datasheet
942Kb / 13P
   PMR Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com