Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK2400 Fiches technique(PDF) 8 Page - Asahi Kasei Microsystems

No de pièce AK2400
Description  High integrated receiver for PMR-LMR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2400 Fiches technique(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK2400 Datasheet HTML 4Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 5Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 6Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 7Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 8Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 9Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 10Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 11Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
[AK2400]
014008989-E-01
8
2015/4
Digital DC Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
High level input voltage
VIH
RSTN, SCLK, SDATAIN,
CSN, PDN, AD_CSN,
AD_SCLK,, AGC_KEEP
0.8DVDD
V
Low level input voltage
VIL
RSTN, SCLK, SDATAIN,
CSN, PDN, AD_CSN
AD_SCLK, AGC_KEEP
0.2DVDD
V
High level input current
IIH
VIH=DVDD
RSTN, SCLK, SDATAIN,
CSN, PDN, AD_CSN,
AD_SCLK, AGC_KEEP
10
uA
Low level input current
IIL
VIL=0V
RSTN, SCLK, SDATAIN,
CSN, PDN, AD_CSN,
AD_SCLK, AGC_KEEP
-10
uA
High level output voltage
VOH
IOH=+0.2mA
LD, AD_SDO,
DETO/SDATAOUT
DVDD-0.4
DVDD
V
Low level output voltage
VOL
IOL=-0.4mA
LD, AD_SDO,
DETO/SDATAOUT
0.0
0.4
V


Numéro de pièce similaire - AK2400

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK2401 AKM-AK2401 Datasheet
2Mb / 103P
   Direct Conversion Transceiver
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
   Direct Conversion Transceiver
More results

Description similaire - AK2400

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Crystal Techno...
ACTF410A ACT-ACTF410A Datasheet
96Kb / 3P
   Mobile Radio - FRS & PMR
SEPT 04
logo
Delta Electronics, Inc.
PMR-5V320WDXA DELTA-PMR-5V320WDXA Datasheet
1Mb / 13P
   PMR Panel Mount Power Supply
logo
NTE Electronics
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
   Integrated Circuit IF System for FM Receiver
NTE15003 NTE-NTE15003 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
NTE1775 NTE-NTE1775 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
Exar Corporation
XRT7295E EXAR-XRT7295E Datasheet
1Mb / 16P
   INTEGRATED LINE RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
Advanced Crystal Techno...
ACTF410B ACT-ACTF410B Datasheet
96Kb / 3P
   FRS & PMR mobile radio applications
SEPT 04
logo
Delta Electronics, Inc.
PMR-5V320WCXA DELTA-PMR-5V320WCXA Datasheet
942Kb / 13P
   PMR Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com