Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK2400 Fiches technique(PDF) 52 Page - Asahi Kasei Microsystems

No de pièce AK2400
Description  High integrated receiver for PMR-LMR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2400 Fiches technique(HTML) 52 Page - Asahi Kasei Microsystems

Back Button AK2400 Datasheet HTML 44Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 45Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 46Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 47Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 48Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 49Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 50Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 51Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 52Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
2015/4
Related Parts
Part#
Discription
Comments
Mixer
AK1220
100MHz~900MHz High Linearity Down Conversion Mixer
IIP3:+22dBm
AK1222
100MHz~900MHz Low Power Down Conversion Mixer
IDD:2.9mA
AK1224
100MHz~900MHz
Low Noise, High Liniarity Down Conversion Mixer
NF:8.5dB, IIP3:+18dBm
AK1228
10MHz~2GHz Up/Down Conversion Mixer
3V Supply, NF:8.5dB
AK1221
0.7GHz~3.5GHz
High Linearity Down Conversion Mixer
IIP3:+25dBm
AK1223
3GHz~8.5GHz High Linearity Down Conversion Mixer
IIP3:+13dB, NF:15dB
PLL Synthesizer
AK1541
20MHz~600MHz Low Power Fractional-N Synthesizer
IDD:4.6mA
AK1542A
20MHz~600MHz Low Power Integer-N Synthesizer
IDD:2.2mA
AK1543
400MHz~1.3GHz Low Power Fractional-N Synthesizer
IDD:5.1mA
AK1544
400MHz~1.3GHz Low Power Integer-N Synthesizer
IDD:2.8mA
AK1590
60MHz~1GHz Fractional-N Synthesizer
IDD:2.5mA
AK1545
0.5GHz~3.5GHz Integer-N Synthesizer
16-TSSOP
AK1546
0.5GHz~3GHz Low Phase Noise Integer-N Synthesizer
Normalized C/N:-226dBc/Hz
AK1547
0.5GHz~4GHz Integer-N Synthesizer
5V Supply
AK1548
1GHz~8GHz Low Phase Noise Integer-N Synthesizer
Normalized C/N:-226dBc/Hz
IFVGA
AK1291
100~300MHz Analog Signal Control IF VGA w/ RSSI
Dynamic Range:30dB
integrated VCO
AK1572
690MHz~4GHz Down Conversion Mixer with Frac.-N PLL and VCO
IIP3:24dBm,
-111dBc/Hz@100kHz
AK1575
690MHz~4GHz Up Conversion Mixer with Frac.-N PLL and VCO
IIP3:24dBm,
-111dBc/Hz@100kHz
IF Reciever (2nd Mixer + IF BPF + FM Detector)
AK2364
Built-in programmable AGC+BPF, FM detector IC
IFBPF:
10kHz ~ 4.5kHz
AK2365A
Built-in programmable AGC+BPF, IFIC
IFBPF:
7.5kHz ~ 2kHz
Analog BB for PMR/LMR
AK2345C
CTCSS Filter, Encoder, Decoder
24-VSOP
AK2360/
AK2360A
Inverted frequency(3.376kHz/3.020kHz) scrambler
8-SON
AK2363
MSK Modem/DTMF Receiver
24-QFN
AK2346B
0.3-2.55/3.0kHz Analog audio filter,
Emphasis, Compandor, scrambler, MSK Modem
24-VSOP
AK2346A
24-QFN
AK2347B
0.3-2.55/3.0kHz Analog audio filter
Emphasis, Compandor, scrambler, CTCSS filter
24-VSOP
Function IC
AK2330
8-bit 8ch Electronic Volume
VREF can be selected for each
channel
AK2331
8-bit 4ch Electronic Volume
VREF can be selected for each
channel
Asahi Kasei Microdevices Corporation (“AKM”) reserves the right to make changes to the information contained in this
document without notice. When you consider any use or application of AKM product stipulated in this document, please make
inquiries the sales office of AKM or authorized distributors as to current status of the Products.


Numéro de pièce similaire - AK2400

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK2401 AKM-AK2401 Datasheet
2Mb / 103P
   Direct Conversion Transceiver
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
   Direct Conversion Transceiver
More results

Description similaire - AK2400

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Crystal Techno...
ACTF410A ACT-ACTF410A Datasheet
96Kb / 3P
   Mobile Radio - FRS & PMR
SEPT 04
logo
Delta Electronics, Inc.
PMR-5V320WDXA DELTA-PMR-5V320WDXA Datasheet
1Mb / 13P
   PMR Panel Mount Power Supply
logo
NTE Electronics
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
   Integrated Circuit IF System for FM Receiver
NTE15003 NTE-NTE15003 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
NTE1775 NTE-NTE1775 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
Exar Corporation
XRT7295E EXAR-XRT7295E Datasheet
1Mb / 16P
   INTEGRATED LINE RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
Advanced Crystal Techno...
ACTF410B ACT-ACTF410B Datasheet
96Kb / 3P
   FRS & PMR mobile radio applications
SEPT 04
logo
Delta Electronics, Inc.
PMR-5V320WCXA DELTA-PMR-5V320WCXA Datasheet
942Kb / 13P
   PMR Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com